データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR357-2-124 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR357-2-124 Datasheet

  • # Example questions: ➢ What part number offers an inductance of 68.0µh and what is its maximum dcr value?
    ➢ What is the operating temperature range for these shielded smd inductors?
    ➢ How is the inductance of these inductors tested, and at what frequency is the test performed?

  • Part No.DR357-2-124
    ManufacturerDATATRONICS
    Size105 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR DR357-2 SERIES
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR357-2 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 4.7µH to 150.0µH
    ️· Operating Temperature: -40°C to +105°C
    ️· Tinned Leads (Leaded Solder Available)

    Electrical Specifications (at 25°C)

    Part Number Inductance (µH) DCR (Ω) Irms (A) Isat (A)
    DR357-2-472 4.7 30% 0.030 3.30 4.00
    DR357-2-682 6.8 30% 0.035 3.15 3.20
    DR357-2-822 8.2 30% 0.050 2.50 3.00
    DR357-2-103 10.0 30% 0.058 2.40 2.70
    DR357-2-123 12.0 30% 0.072 2.10 2.40
    DR357-2-153 15.0 30% 0.087 2.05 2.20
    DR357-2-183 18.0 30% 0.116 1.50 2.00
    DR357-2-223 22.0 30% 0.145 1.20 1.80
    DR357-2-273 27.0 30% 0.176 1.15 1.65
    DR357-2-333 33.0 30% 0.213 1.10 1.48
    DR357-2-393 39.0 30% 0.269 1.00 1.35
    DR357-2-473 47.0 30% 0.299 0.90 1.20
    DR357-2-563 56.0 30% 0.336 0.78 1.15
    DR357-2-683 68.0 30% 0.451 0.68 1.05
    DR357-2-823 82.0 30% 0.514 0.63 0.95
    DR357-2-104 100.0 30% 0.700 0.56 0.85
    DR357-2-124 120.0 30% 0.765 0.53 0.76
    DR357-2-154 150.0 30% 0.876 0.51 0.70

    Notes

    ️· Dimensions in millimeters (mm)
    ️· General Tolerance: 0.2mm
    ️· Inductance Test: 100kHz, 0.1Vrms
    ️· Irms: Approximate 40°C temperature rise
    ️· Isat: Approximate 35% drop in initial value
    ️· Tape & Reel Quantity: 1000 pcs/reel
    ️· Non-RoHS Part Designation: Replace "DR" with "42-"
    ️· Terminal Finish: RoHS compliant, Solder per J-STD-020D

    SHIELDED SMD INDUCTOR DR357-2 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 4.7µH to 150.0µH
    ️· Operating Temperature: -40°C to +105°C
    ️· Tinned Leads (Leaded Solder Available)

    Electrical Specifications (at 25°C)

    Part Number Inductance (µH) DCR (Ω) Irms (A) Isat (A)
    DR357-2-472 4.7 30% 0.030 3.30 4.00
    DR357-2-682 6.8 30% 0.035 3.15 3.20
    DR357-2-822 8.2 30% 0.050 2.50 3.00
    DR357-2-103 10.0 30% 0.058 2.40 2.70
    DR357-2-123 12.0 30% 0.072 2.10 2.40
    DR357-2-153 15.0 30% 0.087 2.05 2.20
    DR357-2-183 18.0 30% 0.116 1.50 2.00
    DR357-2-223 22.0 30% 0.145 1.20 1.80
    DR357-2-273 27.0 30% 0.176 1.15 1.65
    DR357-2-333 33.0 30% 0.213 1.10 1.48
    DR357-2-393 39.0 30% 0.269 1.00 1.35
    DR357-2-473 47.0 30% 0.299 0.90 1.20
    DR357-2-563 56.0 30% 0.336 0.78 1.15
    DR357-2-683 68.0 30% 0.451 0.68 1.05
    DR357-2-823 82.0 30% 0.514 0.63 0.95
    DR357-2-104 100.0 30% 0.700 0.56 0.85
    DR357-2-124 120.0 30% 0.765 0.53 0.76
    DR357-2-154 150.0 30% 0.876 0.51 0.70

    Notes

    ️· Dimensions in millimeters (mm)
    ️· General Tolerance: 0.2mm
    ️· Inductance Test: 100kHz, 0.1Vrms
    ️· Irms: Approximate 40°C temperature rise
    ️· Isat: Approximate 35% drop in initial value
    ️· Tape & Reel Quantity: 1000 pcs/reel
    ️· Non-RoHS Part Designation: Replace "DR" with "42-"
    ️· Terminal Finish: RoHS compliant, Solder per J-STD-020D

    Part No.DR357-2-124
    ManufacturerDATATRONICS
    Size105 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR DR357-2 SERIES