データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD810_2015 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BD810_2015 Datasheet

  • Example questions: 1. What is the maximum collector current rating for the BD810 silicon PNP transistor?
    2. What is the collector-emitter breakdown voltage of the BD810 transistor when the collector current is 0.1A and the base current is 0?
    3. What is the base-emitter on voltage of the BD810 transistor when the collector current is 4A and the collector-emitter voltage is 2V?

  • Part No.BD810_2015
    ManufacturerJMNIC
    Size127 Kbytes
    Pages1 page
    DescriptionSilicon PNP Transistors
    Part No.BD810_2015
    ManufacturerJMNIC
    Size127 Kbytes
    Pages1 page
    DescriptionSilicon PNP Transistors