![]() |
データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FS-125_15 Datasheet
Example questions:
1. What is the input impedance of the FS-125 Operational Amplifier at a frequency of 20Hz?
2. What is the typical voltage gain of the FS-125 Operational Amplifier in open-loop configuration?
3. What is the typical slew rate of the FS-125 Operational Amplifier?
The document is a technical specification for the Computer Labs FS-125 Operational Amplifier.
It is designed for fast output settling for step function signals without sacrificing accuracy and low drift operation.
The amplifier can be accurately calibrated with signals within 0.1% of their accuracy while operating at rates up to 12MHz.
It is suitable for sample-and-hold circuits, D/A converters, A/D converters, precision comparators, multiplexers, and other timedomain applications.
The document also includes specifications for input impedance, voltage gain, input offset voltage, input offset current, slew rate, input noise, small signal bandwidth, large signal bandwidth, rise time, acquisition time, open loop gain, output voltage, output impedance, power supply sensitivity, and temperature range.
Additionally, it provides test conditions and results for various tests such as open loop voltage gain test, input offset voltage test, slew rate test, small signal/large signal bandwidth tests, input noise tests, output impedance test, and power supply sensitivity tests.
The document also includes photographs illustrating the response of the FS-125 to positive and negative step function signals.
Part No. | FS-125_15 |
Manufacturer | AD |
Size | 2Mb Kbytes |
Pages | 8 pages |
Description | FAST SETTLING |