データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PVT422 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PVT422 Datasheet

  • # Example questions: ➢ What is the maximum peak load current this relay can handle, and for what maximum duration?
    ➢ What control current range is recommended for optimal switching performance while ensuring the input led is not damaged?
    ➢ How does the operating temperature range affect the performance or reliability of the pvt422 series?

  • Part No.PVT422
    ManufacturerIRF
    Size304 Kbytes
    Pages4 pages
    DescriptionMicroelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
    Datasheet Summary with AI

    # PVT422 Series Photovoltaic Relay

    ## General Description

    ️· Dual-pole, normally open solid-state relay
    ️· Replaces electromechanical relays
    ️· Utilizes HEXFET power MOSFET output
    ️· Optically isolated control via GaAlAs LED

    ## Features

    ️· HEXFET Power MOSFET output
    ️· Bounce-free operation
    ️· 4,000 VRMS I/O isolation
    ️· Linear AC/DC operation
    ️· Solid-state reliability
    ️· Available in thru-hole (PVT422) and surface mount (PVT422S, PVT422S-T) packages
    ️· UL recognition and CSA certification pending

    ## Electrical Specifications (Operating Temperature -40°C to +85°C)

    ️· Control Current:
    - Minimum: 2.0 mA
    - Maximum: 25 mA (Caution: current limit input LED)
    ️· Operating Voltage Range: 0 to ±400V (DC or AC peak)
    ️· Maximum Load Current @ +40°C (5mA Control): 120 mA
    ️· Maximum Peak Load Current (10ms): 350 mA
    ️· Maximum On-State Resistance @ +25°C (50mA Pulsed Load, 5mA Control): 35 Ω
    ️· Maximum Off-State Leakage @ +25°C, ±320V: 1.0 µA
    ️· Maximum Turn-On Time @ +25°C (50mA, 100 VDC, 5mA Control): 2.0 ms
    ️· Maximum Turn-Off Time @ +25°C (50mA, 100 VDC, 5mA Control): 2.0 ms
    ️· Maximum Output Capacitance @ 50VDC: 12 pF

    ## General Characteristics

    ️· Dielectric Strength (Input-Output): 4000 V RMS
    ️· Dielectric Strength (Pole-to-Pole): 1000 V DC
    ️· Insulation Resistance (Input-Output) @ +25°C: 1012 Ω
    ️· Capacitance (Input-Output): 1.0 pF
    ️· Pin Soldering Temperature (Max): +260 °C
    ️· Ambient Temperature Range:
    - Operating: -40 to +85 °C
    - Storage: -40 to +100 °C

    ## Mechanical Specifications

    ️· Available in 8-pin DIP package (thru-hole) and surface mount variants.
    ️· Refer to datasheet for dimensions.

    # PVT422 Series Photovoltaic Relay

    ## General Description

    ️· Dual-pole, normally open solid-state relay
    ️· Replaces electromechanical relays
    ️· Utilizes HEXFET power MOSFET output
    ️· Optically isolated control via GaAlAs LED

    ## Features

    ️· HEXFET Power MOSFET output
    ️· Bounce-free operation
    ️· 4,000 VRMS I/O isolation
    ️· Linear AC/DC operation
    ️· Solid-state reliability
    ️· Available in thru-hole (PVT422) and surface mount (PVT422S, PVT422S-T) packages
    ️· UL recognition and CSA certification pending

    ## Electrical Specifications (Operating Temperature -40°C to +85°C)

    ️· Control Current:
    - Minimum: 2.0 mA
    - Maximum: 25 mA (Caution: current limit input LED)
    ️· Operating Voltage Range: 0 to ±400V (DC or AC peak)
    ️· Maximum Load Current @ +40°C (5mA Control): 120 mA
    ️· Maximum Peak Load Current (10ms): 350 mA
    ️· Maximum On-State Resistance @ +25°C (50mA Pulsed Load, 5mA Control): 35 Ω
    ️· Maximum Off-State Leakage @ +25°C, ±320V: 1.0 µA
    ️· Maximum Turn-On Time @ +25°C (50mA, 100 VDC, 5mA Control): 2.0 ms
    ️· Maximum Turn-Off Time @ +25°C (50mA, 100 VDC, 5mA Control): 2.0 ms
    ️· Maximum Output Capacitance @ 50VDC: 12 pF

    ## General Characteristics

    ️· Dielectric Strength (Input-Output): 4000 V RMS
    ️· Dielectric Strength (Pole-to-Pole): 1000 V DC
    ️· Insulation Resistance (Input-Output) @ +25°C: 1012 Ω
    ️· Capacitance (Input-Output): 1.0 pF
    ️· Pin Soldering Temperature (Max): +260 °C
    ️· Ambient Temperature Range:
    - Operating: -40 to +85 °C
    - Storage: -40 to +100 °C

    ## Mechanical Specifications

    ️· Available in 8-pin DIP package (thru-hole) and surface mount variants.
    ️· Refer to datasheet for dimensions.

    Part No.PVT422
    ManufacturerIRF
    Size304 Kbytes
    Pages4 pages
    DescriptionMicroelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC