データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1370 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LT1370 Datasheet

  • # Example questions: ➢ What is the typical switching frequency of the lt1370, and how does it vary across different temperature grades?
    ➢ What is the minimum input voltage required for the lt1370 to operate, and what is the typical supply current at that voltage?
    ➢ Describe the function of the s/s pin and its impact on the lt1370's operation, including typical current draw and threshold voltages.

  • Part No.LT1370
    ManufacturerLINER
    Size179 Kbytes
    Pages16 pages
    Description500kHz High Efficiency 6A Switching Regulator
    Datasheet Summary with AI

    1. General Information / Operating Conditions

    ️· Device: LT1370 (likely with variations like LT1370HVC and LT1370HVI, I-Grade)
    ️· Input Voltage Range (VIN): 2.4V to 25V (minimum input voltage: 2.4V)
    ️· Operating Temperature Range: -40°C to 125°C (depending on grade).
    ️· Reference Voltage (VREF): 1.230V to 1.260V (standard), 1.225V to 1.265V (other variations). This is a crucial reference for the feedback loop.

    2. Key Functional Parameters

    ️· Switching Frequency (f): 440 kHz to 580 kHz (varies with temperature and grade).
    ️· Maximum Duty Cycle: 85% (can vary to 95% depending on parameter)
    ️· Switch ON Resistance (VSAT): 0.065 Ω to 0.11 Ω. Lower is better for efficiency.
    ️· Switch Current Limit (ILIM): 6A to 10A. The current limit is dynamic and dependent on duty cycle, as detailed by the formula `ILIM = 2.65(2.7 – DC)`.
    ️· Shutdown Threshold: 0.6V to 2V. Determines the voltage at which the regulator shuts down.
    ️· Synchronization Frequency Range: 600 kHz to 800 kHz.

    3. Feedback and Error Amplification

    ️· Error Amplifier Transconductance (gm): 700 µS to 2300 µS (This defines how effectively the error amplifier responds to feedback signal changes).
    ️· Error Amplifier Clamp Voltage: 0.2V to 2.3V (These limits how the error amplifier shapes the output voltage).
    ️· VC Pin Threshold: 0.9V to 1.35V (Voltage required on the control voltage pin to trigger switching).

    4. Efficiency and Current Consumption

    ️· Supply Current (IQ): 4.5 mA to 6mA (This is the quiescent current when the regulator is in normal operation).
    ️· Shutdown Supply Current: 12 µA to 40 µA (Current when the regulator is in shutdown mode).
    ️· Supply Current Increase During Switch ON Time (∆IIN, ∆ISW): 22mA to 33mA (Important for transient response).

    5. Other Notable Parameters

    ️· Shutdown Delay: 4 µs to 25 µs (Time it takes for the regulator to enter/exit shutdown).
    ️· S/S Input Current: -7 µA to 10 µA (Current flowing into the synchronization pin).
    ️· Output Switch Breakdown Voltage (BV): 35V to 47V.

    Summary Table (Important Values)

    Parameter Range Units
    Input Voltage (VIN) 2.4 - 25 V
    VREF 1.230 - 1.260 V
    Switching Frequency (f) 440 - 580 kHz
    Duty Cycle (DC) 0 - 85% (varies) %
    ILIM 6 - 10 A
    IQ 4.5 - 6 mA



    Key Takeaways and Considerations:

    ️· Grade variations: Pay attention to the different grades (LT1370, LT1370HVC, LT1370HVI) as their specifications can differ, particularly regarding temperature range and some performance parameters.
    ️· Dynamic Behavior: Many parameters are not fixed values but depend on factors like input voltage, duty cycle, and temperature.
    ️· Feedback Loop: The LT1370’s feedback loop is crucial for maintaining a stable output voltage. Understanding parameters like VREF, error amplifier gain, and feedback input current is essential for proper design.
    ️· Synchronization: The ability to synchronize the switching frequency can be important for reducing EMI or meeting specific application requirements.

    1. General Information / Operating Conditions

    ️· Device: LT1370 (likely with variations like LT1370HVC and LT1370HVI, I-Grade)
    ️· Input Voltage Range (VIN): 2.4V to 25V (minimum input voltage: 2.4V)
    ️· Operating Temperature Range: -40°C to 125°C (depending on grade).
    ️· Reference Voltage (VREF): 1.230V to 1.260V (standard), 1.225V to 1.265V (other variations). This is a crucial reference for the feedback loop.

    2. Key Functional Parameters

    ️· Switching Frequency (f): 440 kHz to 580 kHz (varies with temperature and grade).
    ️· Maximum Duty Cycle: 85% (can vary to 95% depending on parameter)
    ️· Switch ON Resistance (VSAT): 0.065 Ω to 0.11 Ω. Lower is better for efficiency.
    ️· Switch Current Limit (ILIM): 6A to 10A. The current limit is dynamic and dependent on duty cycle, as detailed by the formula `ILIM = 2.65(2.7 – DC)`.
    ️· Shutdown Threshold: 0.6V to 2V. Determines the voltage at which the regulator shuts down.
    ️· Synchronization Frequency Range: 600 kHz to 800 kHz.

    3. Feedback and Error Amplification

    ️· Error Amplifier Transconductance (gm): 700 µS to 2300 µS (This defines how effectively the error amplifier responds to feedback signal changes).
    ️· Error Amplifier Clamp Voltage: 0.2V to 2.3V (These limits how the error amplifier shapes the output voltage).
    ️· VC Pin Threshold: 0.9V to 1.35V (Voltage required on the control voltage pin to trigger switching).

    4. Efficiency and Current Consumption

    ️· Supply Current (IQ): 4.5 mA to 6mA (This is the quiescent current when the regulator is in normal operation).
    ️· Shutdown Supply Current: 12 µA to 40 µA (Current when the regulator is in shutdown mode).
    ️· Supply Current Increase During Switch ON Time (∆IIN, ∆ISW): 22mA to 33mA (Important for transient response).

    5. Other Notable Parameters

    ️· Shutdown Delay: 4 µs to 25 µs (Time it takes for the regulator to enter/exit shutdown).
    ️· S/S Input Current: -7 µA to 10 µA (Current flowing into the synchronization pin).
    ️· Output Switch Breakdown Voltage (BV): 35V to 47V.

    Summary Table (Important Values)

    Parameter Range Units
    Input Voltage (VIN) 2.4 - 25 V
    VREF 1.230 - 1.260 V
    Switching Frequency (f) 440 - 580 kHz
    Duty Cycle (DC) 0 - 85% (varies) %
    ILIM 6 - 10 A
    IQ 4.5 - 6 mA



    Key Takeaways and Considerations:

    ️· Grade variations: Pay attention to the different grades (LT1370, LT1370HVC, LT1370HVI) as their specifications can differ, particularly regarding temperature range and some performance parameters.
    ️· Dynamic Behavior: Many parameters are not fixed values but depend on factors like input voltage, duty cycle, and temperature.
    ️· Feedback Loop: The LT1370’s feedback loop is crucial for maintaining a stable output voltage. Understanding parameters like VREF, error amplifier gain, and feedback input current is essential for proper design.
    ️· Synchronization: The ability to synchronize the switching frequency can be important for reducing EMI or meeting specific application requirements.

    Part No.LT1370
    ManufacturerLINER
    Size179 Kbytes
    Pages16 pages
    Description500kHz High Efficiency 6A Switching Regulator