データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2C741 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD2C741 Datasheet

  • # Example questions: ➢ What types of applications is sso specifically prohibiting the use of its devices in, and what is the reasoning behind this restriction?
    ➢ What are the differences in weight for a single unit, full tube, and full reel of the ad2c741-(h)str device?
    ➢ What is the maximum peak temperature and dwell time allowed during infrared reflow soldering, according to the datasheet?

  • Part No.AD2C741
    ManufacturerSSOUSA
    Size342 Kbytes
    Pages8 pages
    DescriptionCompact 4 pin DIP/SMD Package
    Datasheet Summary with AI

    This document is a datasheet for the AD2C741, a MOSFET output solid state relay from Solid State Optronics. Here's a summary of the key information:

    Key Features:

    ️· Type: Solid State Relay (SSR)
    ️· Form: 1 Form A (Normally Open) - single pole single throw
    ️· Voltage: 60V DC
    ️· On-State Resistance: 250mΩ (typical)
    ️· Package Options: DIP, SMD (Surface Mount Device) with various mounting/packaging choices (Tube, Pouch, Reel)
    ️· Isolation Voltage: Options for 3750VRMS or 5000VRMS (-H option)
    ️· Applications: Switching DC loads

    Key Information Covered in the Datasheet:

    ️· Electrical Characteristics: Specifies voltage, current, on-resistance, and other electrical parameters.
    ️· Absolute Maximum Ratings: Defines the limits beyond which the device may be damaged.
    ️· Package Dimensions: Provides detailed mechanical drawings of the various package options.
    ️· Solder Temperature Profiles: Offers guidance on proper soldering techniques to ensure reliability.
    ️· Package Marking: How the device is labeled
    ️· Weights: Weight of components in various packaging arrangements

    ️· Safety/Legal Disclaimers: Important notes about life support applications and liability.

    Target Audience: Engineers and technicians involved in designing and building circuits that require solid-state switching of DC loads.

    Key Features:

    ️· Type: Solid State Relay (SSR)
    ️· Form: 1 Form A (Normally Open) - single pole single throw
    ️· Voltage: 60V DC
    ️· On-State Resistance: 250mΩ (typical)
    ️· Package Options: DIP, SMD (Surface Mount Device) with various mounting/packaging choices (Tube, Pouch, Reel)
    ️· Isolation Voltage: Options for 3750VRMS or 5000VRMS (-H option)
    ️· Applications: Switching DC loads

    Key Information Covered in the Datasheet:

    ️· Electrical Characteristics: Specifies voltage, current, on-resistance, and other electrical parameters.
    ️· Absolute Maximum Ratings: Defines the limits beyond which the device may be damaged.
    ️· Package Dimensions: Provides detailed mechanical drawings of the various package options.
    ️· Solder Temperature Profiles: Offers guidance on proper soldering techniques to ensure reliability.
    ️· Package Marking: How the device is labeled
    ️· Weights: Weight of components in various packaging arrangements
    ️· Safety/Legal Disclaimers: Important notes about life support applications and liability.

    Target Audience: Engineers and technicians involved in designing and building circuits that require solid-state switching of DC loads.

    Part No.AD2C741
    ManufacturerSSOUSA
    Size342 Kbytes
    Pages8 pages
    DescriptionCompact 4 pin DIP/SMD Package