データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USR1021G-S08-T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USR1021G-S08-T Datasheet

  • # Example questions: ➢ What is the maximum continuous output current this regulator can provide?
    ➢ What is the minimum supply voltage required for the usr1021 to operate?
    ➢ What is the purpose of the 'comp' pin and what type of signal does it process?

  • Part No.USR1021G-S08-T
    ManufacturerUTC
    Size183 Kbytes
    Pages4 pages
    Description3A SYNCHRONOUS BUCK REGULATOR
    Datasheet Summary with AI

    # USR1021 3A Synchronous Buck Regulator

    ## Description
    ️· High efficiency, 3A synchronous buck regulator.
    ️· Input voltage range: 6V to 18V.
    ️· Output voltage adjustable down to 0.8V.
    ️· Operates at -40°C to +85°C.
    ️· Packaged in SOP-8.

    ## Features
    ️· 6V-18V Operating Input Voltage
    ️· High Efficiency
    ️· Internal Soft Start
    ️· 1.5% Initial Output Accuracy
    ️· Adjustable Output Voltage (down to 0.8V)
    ️· 3A Continuous Output Current
    ️· Cycle-by-Cycle Current Limit
    ️· 500kHz PWM Operation
    ️· Thermal Shutdown
    ️· Short-Circuit Protection

    ## Pin Configuration
    ️· PIN 1 (PGND): Power Ground
    ️· PIN 2 (VIN): Supply Voltage Input
    ️· PIN 3 (AGND): Reference connection for controller
    ️· PIN 4 (FB): Feedback Voltage
    ️· PIN 5 (COMP): Compensation Pin
    ️· PIN 6 (EN): Enable Pin
    ️· PIN 7, 8 (LX): Switch Pin

    ## Absolute Maximum Ratings
    ️· Supply Voltage (VIN): 18V
    ️· Junction Temperature (TJ): +150°C
    ️· Storage Temperature (TSTG): -65°C to +150°C

    ## Electrical Characteristics (Typical, TA=25°C, VIN=12V, VOUT=3.3V)
    ️· Supply Voltage: 6V - 18V
    ️· Quiescent Current: 3.5mA - 5mA
    ️· Shutdown Current: 1µA - 10µA
    ️· Feedback Voltage: 0.788V - 0.812V
    ️· Load Regulation: 0.5%
    ️· Line Regulation: 1%
    ️· PWM Frequency: 400kHz - 600kHz
    ️· Current Limit: 3.5A - 4.5A
    ️· Thermal Shutdown (Rising TJ): 150°C
    ️· Thermal Shutdown (Falling TJ): 100°C

    ## Ordering Information
    ️· USR1021L-S08-R: SOP-8, Tape Reel
    ️· USR1021L-S08-T: SOP-8, Tube
    ️· USR1021G-S08-R: SOP-8, Tape Reel (Halogen Free)
    ️· USR1021G-S08-T: SOP-8, Tube (Halogen Free)

    # USR1021 3A Synchronous Buck Regulator

    ## Description
    ️· High efficiency, 3A synchronous buck regulator.
    ️· Input voltage range: 6V to 18V.
    ️· Output voltage adjustable down to 0.8V.
    ️· Operates at -40°C to +85°C.
    ️· Packaged in SOP-8.

    ## Features
    ️· 6V-18V Operating Input Voltage
    ️· High Efficiency
    ️· Internal Soft Start
    ️· 1.5% Initial Output Accuracy
    ️· Adjustable Output Voltage (down to 0.8V)
    ️· 3A Continuous Output Current
    ️· Cycle-by-Cycle Current Limit
    ️· 500kHz PWM Operation
    ️· Thermal Shutdown
    ️· Short-Circuit Protection

    ## Pin Configuration
    ️· PIN 1 (PGND): Power Ground
    ️· PIN 2 (VIN): Supply Voltage Input
    ️· PIN 3 (AGND): Reference connection for controller
    ️· PIN 4 (FB): Feedback Voltage
    ️· PIN 5 (COMP): Compensation Pin
    ️· PIN 6 (EN): Enable Pin
    ️· PIN 7, 8 (LX): Switch Pin

    ## Absolute Maximum Ratings
    ️· Supply Voltage (VIN): 18V
    ️· Junction Temperature (TJ): +150°C
    ️· Storage Temperature (TSTG): -65°C to +150°C

    ## Electrical Characteristics (Typical, TA=25°C, VIN=12V, VOUT=3.3V)
    ️· Supply Voltage: 6V - 18V
    ️· Quiescent Current: 3.5mA - 5mA
    ️· Shutdown Current: 1µA - 10µA
    ️· Feedback Voltage: 0.788V - 0.812V
    ️· Load Regulation: 0.5%
    ️· Line Regulation: 1%
    ️· PWM Frequency: 400kHz - 600kHz
    ️· Current Limit: 3.5A - 4.5A
    ️· Thermal Shutdown (Rising TJ): 150°C
    ️· Thermal Shutdown (Falling TJ): 100°C

    ## Ordering Information
    ️· USR1021L-S08-R: SOP-8, Tape Reel
    ️· USR1021L-S08-T: SOP-8, Tube
    ️· USR1021G-S08-R: SOP-8, Tape Reel (Halogen Free)
    ️· USR1021G-S08-T: SOP-8, Tube (Halogen Free)

    Part No.USR1021G-S08-T
    ManufacturerUTC
    Size183 Kbytes
    Pages4 pages
    Description3A SYNCHRONOUS BUCK REGULATOR