データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G2620 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about G2620 Datasheet

  • # Example questions: ➢ What temperature range is specified for the g2620p11u package?
    ➢ What is the recommended input voltage range for stable operation of the g2620?
    ➢ What is the maximum output current this led driver can deliver to a single led?

  • Part No.G2620
    ManufacturerGMT
    Size140 Kbytes
    Pages1 page
    DescriptionHigh Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
    Datasheet Summary with AI

    # Global Mixed-mode Technology G2620

    ## High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch

    Features

    ️· Operating Voltage: 7V to 36V
    ️· Output driving current up to 1A (1 × LED)
    ️· Internal PWM filter
    ️· Shutdown Current <20μA (Typ)
    ️· Digital Dimming Control
    ️· Thermal Overload Protection
    ️· Open/Shorted LED Protection
    ️· Available packages: SOP-8, SOT-23-5, SOT-89-5

    Applications

    ️· GPS Navigation System
    ️· Compact Back Light Module
    ️· Constant Current Source
    ️· LED Module

    Ordering Information

    ORDER NUMBER MARKING TEMP. RANGE PACKAGE (Green)
    G2620P11U 2620 -30°C to +105°C SOP-8
    G2620T11U 2620x -30°C to +105°C SOT-23-5
    G2620TE1U 2620 -30°C to +105°C SOT-89-5

    ️· Note: P1 = SOP-8, T1 = SOT23-5, TE = SOT-89-5
    ️· 1: Bonding Code
    ️· U: Tape & Reel
    ️· Green: Lead Free / Halogen Free

    Description

    ️· Step-down converter for driving high-brightness LEDs.
    ️· Operates with input voltage from 7V to 36V.
    ️· Built-in overload protection.

    Pin Configuration & Typical Application Circuit

    ️· Careful PCB layout required to avoid disturbance of SENSE pin.
    ️· 0.1µF decoupling capacitor (Cs) recommended between VIN and SENSE, placed close to VIN and SENSE.

    # Global Mixed-mode Technology G2620

    ## High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch

    Features

    ️· Operating Voltage: 7V to 36V
    ️· Output driving current up to 1A (1 × LED)
    ️· Internal PWM filter
    ️· Shutdown Current <20μA (Typ)
    ️· Digital Dimming Control
    ️· Thermal Overload Protection
    ️· Open/Shorted LED Protection
    ️· Available packages: SOP-8, SOT-23-5, SOT-89-5

    Applications

    ️· GPS Navigation System
    ️· Compact Back Light Module
    ️· Constant Current Source
    ️· LED Module

    Ordering Information

    ORDER NUMBER MARKING TEMP. RANGE PACKAGE (Green)
    G2620P11U 2620 -30°C to +105°C SOP-8
    G2620T11U 2620x -30°C to +105°C SOT-23-5
    G2620TE1U 2620 -30°C to +105°C SOT-89-5

    ️· Note: P1 = SOP-8, T1 = SOT23-5, TE = SOT-89-5
    ️· 1: Bonding Code
    ️· U: Tape & Reel
    ️· Green: Lead Free / Halogen Free

    Description

    ️· Step-down converter for driving high-brightness LEDs.
    ️· Operates with input voltage from 7V to 36V.
    ️· Built-in overload protection.

    Pin Configuration & Typical Application Circuit

    ️· Careful PCB layout required to avoid disturbance of SENSE pin.
    ️· 0.1µF decoupling capacitor (Cs) recommended between VIN and SENSE, placed close to VIN and SENSE.

    Part No.G2620
    ManufacturerGMT
    Size140 Kbytes
    Pages1 page
    DescriptionHigh Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch