データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T830-800W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about T830-800W Datasheet

  • # Example questions: ➢ What package type is used for all the listed t8xx series triacs?
    ➢ What are the sensitivity (ma) options available for the t8xx series?
    ➢ What are the available voltage options for the t8xx series triacs?

  • Part No.T830-800W
    ManufacturerKERSEMI
    Size418 Kbytes
    Pages5 pages
    DescriptionTRIAC
    Datasheet Summary with AI

    1. Device Type & Series:

    ️· Type: TRIAC
    ️· Series: T820W / T830W

    2. Key Electrical Characteristics (General):

    ️· Current (IT(RMS)): 8A
    ️· Sensitivity: Two options: 20mA, 30mA
    ️· Voltage: Two options: 600V, 800V

    3. Specific Device Variations & Ordering Information:

    Device Number Sensitivity (mA) Voltage (V) Marking Weight (g) Base Quantity Packing Mode
    T820-600W 20 600 T820600W 2.3 50 Tube
    T820-600W 30 600 T820600W 2.3 50 Tube
    T820-800W 20 800 T820800W 2.3 50 Tube
    T820-800W 30 800 T820800W 2.3 50 Tube
    T830-600W 20 600 T830600W 2.3 50 Tube
    T830-600W 30 600 T830600W 2.3 50 Tube
    T830-800W 20 800 T830800W 2.3 50 Tube
    T830-800W 30 800 T830800W 2.3 50 Tube

    4. Package:

    ️· Type: ISOWATT220AB

    5. Other Provided Data (Scattered throughout the document - requires further analysis for full context):

    ️· Zth(j-a): This likely refers to thermal resistance, but the specific value isn't clear without additional context.
    ️· Tc: Case temperature. Values are partially obscured.
    ️· tP: Propagation time. Values are partially obscured.
    ️· VTO: Latching Voltage – 5V
    ️· RD (Dynamic Resistance): 40 mΩ
    ️· α=180°: Appears to be related to the firing angle/phase.
    ️· IT(RM)S: RMS Surge Current
    ️· Tj max: Maximum Junction Temperature (with Vto = 0.8 and Rd = 40)
    ️· www.kersemi.com: Manufacturer's website (presumed).

    Important Notes & Limitations:

    ️· Incomplete Data: Some values and characteristics are partially obscured or missing from the provided text, making a complete specification impossible.
    ️· Context Dependency: Some of the data (thermal resistance, firing angles) are likely dependent on specific operating conditions, which are not entirely clear from the provided text.
    ️· Data Organization: The document is not structured in a standardized datasheet format.

    1. Device Type & Series:

    ️· Type: TRIAC
    ️· Series: T820W / T830W

    2. Key Electrical Characteristics (General):

    ️· Current (IT(RMS)): 8A
    ️· Sensitivity: Two options: 20mA, 30mA
    ️· Voltage: Two options: 600V, 800V

    3. Specific Device Variations & Ordering Information:

    Device Number Sensitivity (mA) Voltage (V) Marking Weight (g) Base Quantity Packing Mode
    T820-600W 20 600 T820600W 2.3 50 Tube
    T820-600W 30 600 T820600W 2.3 50 Tube
    T820-800W 20 800 T820800W 2.3 50 Tube
    T820-800W 30 800 T820800W 2.3 50 Tube
    T830-600W 20 600 T830600W 2.3 50 Tube
    T830-600W 30 600 T830600W 2.3 50 Tube
    T830-800W 20 800 T830800W 2.3 50 Tube
    T830-800W 30 800 T830800W 2.3 50 Tube

    4. Package:

    ️· Type: ISOWATT220AB

    5. Other Provided Data (Scattered throughout the document - requires further analysis for full context):

    ️· Zth(j-a): This likely refers to thermal resistance, but the specific value isn't clear without additional context.
    ️· Tc: Case temperature. Values are partially obscured.
    ️· tP: Propagation time. Values are partially obscured.
    ️· VTO: Latching Voltage – 5V
    ️· RD (Dynamic Resistance): 40 mΩ
    ️· α=180°: Appears to be related to the firing angle/phase.
    ️· IT(RM)S: RMS Surge Current
    ️· Tj max: Maximum Junction Temperature (with Vto = 0.8 and Rd = 40)
    ️· www.kersemi.com: Manufacturer's website (presumed).

    Important Notes & Limitations:

    ️· Incomplete Data: Some values and characteristics are partially obscured or missing from the provided text, making a complete specification impossible.
    ️· Context Dependency: Some of the data (thermal resistance, firing angles) are likely dependent on specific operating conditions, which are not entirely clear from the provided text.
    ️· Data Organization: The document is not structured in a standardized datasheet format.

    Part No.T830-800W
    ManufacturerKERSEMI
    Size418 Kbytes
    Pages5 pages
    DescriptionTRIAC