| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSFB203 Datasheet
# Example questions:
➢ What is the typical reverse recovery time for the csfb201 thru csfb205 rectifiers, and what test conditions are used to measure it?
➢ What is the maximum repetitive peak reverse voltage that the csfb205 rectifier can withstand?
➢ How does the average forward current change as the ambient temperature increases, according to the provided current derating curve?
# CSFB201 Thru CSFB205 - SMD Super Fast Recovery Rectifier
#### Features
️· Ideal for surface mount applications
️· Easy pick and place
️· Plastic package (94V-0 flammability)
️· Super fast recovery time (35-50 nS)
️· Built-in strain relief
️· Low forward voltage drop
#### Mechanical Data
️· Case: JEDEC DO-214AA molded plastic
️· Weight: 0.093 gram
️· Polarity: Color band denotes cathode end
️· Mounting position: Any
#### Maximum Ratings and Electrical Characteristics
️· Reverse Voltage (VRRM): 50 - 600 Volts
️· Forward Current (Io): 2.0 Amp
️· Peak Surge Forward Current (IFSM): 8.3ms
️· Maximum Junction Temperature (Tj): -55 to +150°C
️· Storage Temperature (TSTG): -55 to +150°C
️· Reverse Recovery Time (Trr): 35-50 nS
️· Forward Voltage (Vf): 0.4 - 1.8V (typical)
️· DC Reverse Current (IR): <100uA (max)
️· Thermal Resistance (RJL): 8.0x8.0 mm square land areas.
#### Dimensions (inches/mm)
️· Multiple dimensions provided in the original document, refer to original document
#### Graphs & Curves
️· Forward Characteristics
️· Reverse Characteristics
️· Junction Capacitance
️· Non-Repetitive Forward Surge Current
️· Test Circuit Diagram & Reverse Recovery Time Characteristics
️· Current Derating Curve
# CSFB201 Thru CSFB205 - SMD Super Fast Recovery Rectifier
#### Features
️· Ideal for surface mount applications
️· Easy pick and place
️· Plastic package (94V-0 flammability)
️· Super fast recovery time (35-50 nS)
️· Built-in strain relief
️· Low forward voltage drop
#### Mechanical Data
️· Case: JEDEC DO-214AA molded plastic
️· Weight: 0.093 gram
️· Polarity: Color band denotes cathode end
️· Mounting position: Any
#### Maximum Ratings and Electrical Characteristics
️· Reverse Voltage (VRRM): 50 - 600 Volts
️· Forward Current (Io): 2.0 Amp
️· Peak Surge Forward Current (IFSM): 8.3ms
️· Maximum Junction Temperature (Tj): -55 to +150°C
️· Storage Temperature (TSTG): -55 to +150°C
️· Reverse Recovery Time (Trr): 35-50 nS
️· Forward Voltage (Vf): 0.4 - 1.8V (typical)
️· DC Reverse Current (IR): <100uA (max)
️· Thermal Resistance (RJL): 8.0x8.0 mm square land areas.
#### Dimensions (inches/mm)
️· Multiple dimensions provided in the original document, refer to original document
#### Graphs & Curves
️· Forward Characteristics
️· Reverse Characteristics
️· Junction Capacitance
️· Non-Repetitive Forward Surge Current
️· Test Circuit Diagram & Reverse Recovery Time Characteristics
️· Current Derating Curve
| Part No. | CSFB203 |
| Manufacturer | COMCHIP |
| Size | 74 Kbytes |
| Pages | 2 pages |
| Description | SMD Super Fast Recovery Rectifier |