データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSFB205 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CSFB205 Datasheet

  • # Example questions: ➢ What is the typical reverse recovery time for the csfb201 thru csfb205 rectifiers, and what test conditions are used to measure it?
    ➢ What is the maximum repetitive peak reverse voltage that the csfb205 rectifier can withstand?
    ➢ How does the average forward current change as the ambient temperature increases, according to the provided current derating curve?

  • Part No.CSFB205
    ManufacturerCOMCHIP
    Size74 Kbytes
    Pages2 pages
    DescriptionSMD Super Fast Recovery Rectifier
    Datasheet Summary with AI

    # CSFB201 Thru CSFB205 - SMD Super Fast Recovery Rectifier

    #### Features

    ️· Ideal for surface mount applications
    ️· Easy pick and place
    ️· Plastic package (94V-0 flammability)
    ️· Super fast recovery time (35-50 nS)
    ️· Built-in strain relief
    ️· Low forward voltage drop

    #### Mechanical Data

    ️· Case: JEDEC DO-214AA molded plastic
    ️· Weight: 0.093 gram
    ️· Polarity: Color band denotes cathode end
    ️· Mounting position: Any

    #### Maximum Ratings and Electrical Characteristics

    ️· Reverse Voltage (VRRM): 50 - 600 Volts
    ️· Forward Current (Io): 2.0 Amp
    ️· Peak Surge Forward Current (IFSM): 8.3ms
    ️· Maximum Junction Temperature (Tj): -55 to +150°C
    ️· Storage Temperature (TSTG): -55 to +150°C
    ️· Reverse Recovery Time (Trr): 35-50 nS
    ️· Forward Voltage (Vf): 0.4 - 1.8V (typical)
    ️· DC Reverse Current (IR): <100uA (max)
    ️· Thermal Resistance (RJL): 8.0x8.0 mm square land areas.

    #### Dimensions (inches/mm)

    ️· Multiple dimensions provided in the original document, refer to original document

    #### Graphs & Curves

    ️· Forward Characteristics
    ️· Reverse Characteristics
    ️· Junction Capacitance
    ️· Non-Repetitive Forward Surge Current
    ️· Test Circuit Diagram & Reverse Recovery Time Characteristics
    ️· Current Derating Curve

    # CSFB201 Thru CSFB205 - SMD Super Fast Recovery Rectifier

    #### Features

    ️· Ideal for surface mount applications
    ️· Easy pick and place
    ️· Plastic package (94V-0 flammability)
    ️· Super fast recovery time (35-50 nS)
    ️· Built-in strain relief
    ️· Low forward voltage drop

    #### Mechanical Data

    ️· Case: JEDEC DO-214AA molded plastic
    ️· Weight: 0.093 gram
    ️· Polarity: Color band denotes cathode end
    ️· Mounting position: Any

    #### Maximum Ratings and Electrical Characteristics

    ️· Reverse Voltage (VRRM): 50 - 600 Volts
    ️· Forward Current (Io): 2.0 Amp
    ️· Peak Surge Forward Current (IFSM): 8.3ms
    ️· Maximum Junction Temperature (Tj): -55 to +150°C
    ️· Storage Temperature (TSTG): -55 to +150°C
    ️· Reverse Recovery Time (Trr): 35-50 nS
    ️· Forward Voltage (Vf): 0.4 - 1.8V (typical)
    ️· DC Reverse Current (IR): <100uA (max)
    ️· Thermal Resistance (RJL): 8.0x8.0 mm square land areas.

    #### Dimensions (inches/mm)

    ️· Multiple dimensions provided in the original document, refer to original document

    #### Graphs & Curves

    ️· Forward Characteristics
    ️· Reverse Characteristics
    ️· Junction Capacitance
    ️· Non-Repetitive Forward Surge Current
    ️· Test Circuit Diagram & Reverse Recovery Time Characteristics
    ️· Current Derating Curve

    Part No.CSFB205
    ManufacturerCOMCHIP
    Size74 Kbytes
    Pages2 pages
    DescriptionSMD Super Fast Recovery Rectifier