データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSD1796 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DSD1796_14 Datasheet

  • # Example questions: ➢ Which pins are schmitt-trigger inputs and outputs, and why is this relevant for system design?
    ➢ What are the primary power supply voltages required for the dsd1796, and for what sections of the chip are they used?
    ➢ What signals are used to indicate this mode and what do they represent?

  • Part No.DSD1796_14
    ManufacturerTI1
    Size841 Kbytes
    Pages61 pages
    Description24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
    Datasheet Summary with AI

    # DSD1796 Stereo Digital-to-Analog Converter

    ## Features
    ️· Formats: Supports both DSD and PCM formats.
    ️· Resolution: 24-bit resolution.
    ️· Performance:
    - Dynamic Range: 123 dB
    - THD+N: 0.0005%
    ️· Filtering: 8x oversampling digital filter with adjustable roll-off (sharp/slow).
    ️· Sampling Frequency: 10 kHz to 200 kHz.
    ️· Interfaces: I2S, Left-Justified PCM, DSD, TDMCA.
    ️· Control: User-programmable functions via SPI (digital attenuation, de-emphasis, mute).
    ️· Power: 5V analog, 3.3V digital.
    ️· Package: 28-lead SSOP.

    ## Description

    The DSD1796 is a stereo DAC with integrated support circuitry in a small package. It utilizes an advanced segment DAC architecture for high dynamic performance and clock jitter tolerance. It offers balanced current outputs and accepts both PCM and DSD audio data. External digital filter or DSP interfacing is possible.

    ## Electrical Characteristics


    ️· Supply Voltages: 3.3V (digital), 5V (analog).
    ️· Current Consumption: Varies with sampling rate (up to 25mA).
    ️· Output Current: 4mA p-p.

    ## Interfaces & Control

    ️· Data Input: I2S, Left-Justified PCM, DSD
    ️· Control Interface: SPI for programming functions (attenuation, de-emphasis, filter roll-off).
    ️· System Clock: Supports multiple frequencies (128, 192, 256, 384, 512, 768 fS).

    # DSD1796 Stereo Digital-to-Analog Converter

    ## Features
    ️· Formats: Supports both DSD and PCM formats.
    ️· Resolution: 24-bit resolution.
    ️· Performance:
    - Dynamic Range: 123 dB
    - THD+N: 0.0005%
    ️· Filtering: 8x oversampling digital filter with adjustable roll-off (sharp/slow).
    ️· Sampling Frequency: 10 kHz to 200 kHz.
    ️· Interfaces: I2S, Left-Justified PCM, DSD, TDMCA.
    ️· Control: User-programmable functions via SPI (digital attenuation, de-emphasis, mute).
    ️· Power: 5V analog, 3.3V digital.
    ️· Package: 28-lead SSOP.

    ## Description

    The DSD1796 is a stereo DAC with integrated support circuitry in a small package. It utilizes an advanced segment DAC architecture for high dynamic performance and clock jitter tolerance. It offers balanced current outputs and accepts both PCM and DSD audio data. External digital filter or DSP interfacing is possible.

    ## Electrical Characteristics

    ️· Supply Voltages: 3.3V (digital), 5V (analog).
    ️· Current Consumption: Varies with sampling rate (up to 25mA).
    ️· Output Current: 4mA p-p.

    ## Interfaces & Control

    ️· Data Input: I2S, Left-Justified PCM, DSD
    ️· Control Interface: SPI for programming functions (attenuation, de-emphasis, filter roll-off).
    ️· System Clock: Supports multiple frequencies (128, 192, 256, 384, 512, 768 fS).

    Part No.DSD1796_14
    ManufacturerTI1
    Size841 Kbytes
    Pages61 pages
    Description24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER