データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN65HVD252 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SN65HVD252_13 Datasheet

  • # Example questions: ➢ What is the maximum total loop delay (tloop1) from driver input to receiver output when transitioning from a recessive to dominant state?
    ➢ What is the typical value for the high-level output voltage (voh) of the receiver when the output current (io) is -2ma?
    ➢ What is the typical value for the input capacitance to ground (ci) of the receiver?

  • Part No.SN65HVD252_13
    ManufacturerTI1
    Size804 Kbytes
    Pages18 pages
    DescriptionDeviceNet CAN Transceivers
    Datasheet Summary with AI

    # SN65HVD252/253 DeviceNet CAN Transceivers

    ## Features

    ️· DeviceNet Compliant (supports 64 nodes)
    ️· Loopback function (HVD253)
    ️· Bus-fault protection (-36V to 40V)
    ️· Silent mode (driver disable, receiver active)
    ️· 3.3V compatible receiver output

    ## Applications

    ️· DeviceNet Networks
    ️· Industrial Automation
    ️· HVAC Networks
    ️· Security Systems
    ️· Telecom Base Station Status Control
    ️· CANopen, SDS, CAN Kingdom Data Buses

    ## Description

    The SN65HVD252 and SN65HVD253 are CAN transceivers that meet DeviceNet specifications and ISO 11898-2:2003 standards. They support signaling rates up to 1 Mbps and feature robust protection for harsh industrial environments.

    ## Pinout

    Pin # SN65HVD252 SN65HVD253
    1 VCC VCC
    2 RXD RXD
    3 TXD TXD
    4 GND GND
    5 VREF AB
    6 CANL CANL
    7 CANH CANH
    8 S S

    ## Electrical Characteristics (Key Parameters)

    ️· Supply Voltage (VCC): 4.75V to 5.25V
    ️· Data Rate: Up to 1 Mbps
    ️· Input Resistance: 15kΩ - 40kΩ (CANH/CANL)
    ️· Bus Fault Protection: -36V to 40V
    ️· Receiver Output (VOH): 2.4V-3.7V
    ️· Receiver Output (VOL): 0.1V-0.2V

    ## Loopback Feature (HVD253)

    The HVD253 includes a loopback feature which enables synchronization of the local node controller's baud rate with the CAN bus. In loopback mode, the driver outputs are high-impedance, while the receiver remains active.

    ## Silent Mode

    Setting the 'S' pin high disables the driver and activates a listen-only mode, useful for preventing disruption of the network in case of local faults.

    ## VREF Output (SN65HVD252)

    Provides a stable VCC/2 voltage reference for split termination schemes.

    # SN65HVD252/253 DeviceNet CAN Transceivers

    ## Features

    ️· DeviceNet Compliant (supports 64 nodes)
    ️· Loopback function (HVD253)
    ️· Bus-fault protection (-36V to 40V)
    ️· Silent mode (driver disable, receiver active)
    ️· 3.3V compatible receiver output

    ## Applications

    ️· DeviceNet Networks
    ️· Industrial Automation
    ️· HVAC Networks
    ️· Security Systems
    ️· Telecom Base Station Status Control
    ️· CANopen, SDS, CAN Kingdom Data Buses

    ## Description

    The SN65HVD252 and SN65HVD253 are CAN transceivers that meet DeviceNet specifications and ISO 11898-2:2003 standards. They support signaling rates up to 1 Mbps and feature robust protection for harsh industrial environments.

    ## Pinout

    Pin # SN65HVD252 SN65HVD253
    1 VCC VCC
    2 RXD RXD
    3 TXD TXD
    4 GND GND
    5 VREF AB
    6 CANL CANL
    7 CANH CANH
    8 S S

    ## Electrical Characteristics (Key Parameters)

    ️· Supply Voltage (VCC): 4.75V to 5.25V
    ️· Data Rate: Up to 1 Mbps
    ️· Input Resistance: 15kΩ - 40kΩ (CANH/CANL)
    ️· Bus Fault Protection: -36V to 40V
    ️· Receiver Output (VOH): 2.4V-3.7V
    ️· Receiver Output (VOL): 0.1V-0.2V

    ## Loopback Feature (HVD253)

    The HVD253 includes a loopback feature which enables synchronization of the local node controller's baud rate with the CAN bus. In loopback mode, the driver outputs are high-impedance, while the receiver remains active.

    ## Silent Mode

    Setting the 'S' pin high disables the driver and activates a listen-only mode, useful for preventing disruption of the network in case of local faults.

    ## VREF Output (SN65HVD252)

    Provides a stable VCC/2 voltage reference for split termination schemes.

    Part No.SN65HVD252_13
    ManufacturerTI1
    Size804 Kbytes
    Pages18 pages
    DescriptionDeviceNet CAN Transceivers