| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM3704YCMMX-308/NOPB Datasheet
# Example questions:
➢ What two inputs can trigger the reset pin to go low?
➢ What is the standard reset threshold voltage for the lm3704, and what happens to the reset pin when vcc drops below this threshold?
➢ What parameter does this hysteresis relate to, and what is its approximate value in mv?
# LM3704 Voltage Supervisor
## Features
· Available threshold voltages: 3.08 V, 2.32 V
· No external components required
· Manual Reset input
· Available in Open-Drain and Push-Pull configurations
· 200ms Reset Time-Out Delay
· Separate Power-Fail Comparator
· ±0.5% Reset Threshold Accuracy (room temperature)
· ±2% Reset Threshold Accuracy (over temperature)
· 28µA VCC Supply Current
## Applications
· Embedded Controllers and Processors
· Intelligent Instruments
· Automotive Systems
· Critical µP Power Monitoring
## Description
The LM3704 is a feature-rich voltage supervisor offering a tight 2% accuracy over temperature. It includes a manual reset, low-line output, and power-fail input detection, allowing for monitoring of a second rail.
## Specifications
Absolute Maximum Ratings:
· VCC: -0.3 to 6V
· Storage Temperature: -65 to 150°C
Electrical Characteristics (at T<sub>J</sub> = 25°C, 2.2V ≤ V<sub>CC</sub> ≤ 5.5V):
· Operating V<sub>CC</sub>: 1 to 5.5V
· Supply Current (ICC): 28µA (typical)
· Reset Threshold Voltage (VRST): 3.08V (standard)
· Reset Time-Out Period (tRP): 200ms
## Functional Description
· Reset Output: Active-low output, asserts low during power-up, brownout, or manual reset.
· Power-Fail Comparator: Monitors a separate rail and asserts low when voltage drops below a threshold.
· Low-Line Output: Early warning of a falling VCC.
· Manual Reset Input: Allows for external reset control.
## Package
· 10-pin VSSOP (3.00mm x 3.00mm)
# LM3704 Voltage Supervisor
## Features
· Available threshold voltages: 3.08 V, 2.32 V
· No external components required
· Manual Reset input
· Available in Open-Drain and Push-Pull configurations
· 200ms Reset Time-Out Delay
· Separate Power-Fail Comparator
· ±0.5% Reset Threshold Accuracy (room temperature)
· ±2% Reset Threshold Accuracy (over temperature)
· 28µA VCC Supply Current
## Applications
· Embedded Controllers and Processors
· Intelligent Instruments
· Automotive Systems
· Critical µP Power Monitoring
## Description
The LM3704 is a feature-rich voltage supervisor offering a tight 2% accuracy over temperature. It includes a manual reset, low-line output, and power-fail input detection, allowing for monitoring of a second rail.
## Specifications
Absolute Maximum Ratings:
· VCC: -0.3 to 6V
· Storage Temperature: -65 to 150°C
Electrical Characteristics (at T<sub>J</sub> = 25°C, 2.2V ≤ V<sub>CC</sub> ≤ 5.5V):
· Operating V<sub>CC</sub>: 1 to 5.5V
· Supply Current (ICC): 28µA (typical)
· Reset Threshold Voltage (VRST): 3.08V (standard)
· Reset Time-Out Period (tRP): 200ms
## Functional Description
· Reset Output: Active-low output, asserts low during power-up, brownout, or manual reset.
· Power-Fail Comparator: Monitors a separate rail and asserts low when voltage drops below a threshold.
· Low-Line Output: Early warning of a falling VCC.
· Manual Reset Input: Allows for external reset control.
## Package
· 10-pin VSSOP (3.00mm x 3.00mm)
| Part No. | LM3704YCMMX-308/NOPB |
| Manufacturer | TI1 |
| Size | 396 Kbytes |
| Pages | 18 pages |
| Description | Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset |