データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTE0012-095-IR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MTE0012-095-IR Datasheet

  • # Example questions: ➢ Within what temperature range can this emitter operate reliably?
    ➢ What is the typical forward voltage when a forward current of 20ma is applied?
    ➢ What is the maximum allowable forward dc current for this infrared emitter?

  • Part No.MTE0012-095-IR
    ManufacturerMARKTECH
    Size1Mb
    Pages2 pages
    DescriptionOptical communication
    Datasheet Summary with AI

    # Infrared Emitter - MTE0012-095-IR

    ## General Characteristics

    · Product No: MTE0012-095-IR
    · Type: InGaAs/InP, MQW
    · Package: TO-46 with flat glass lens cap
    · Peak Emission Wavelength: 1200nm (range: 1170 - 1230nm)
    · Tolerance: ±0.2mm
    · Features: High power, high speed, high reliability, wide beam angle

    ## Applications

    · Optical switches
    · Optical communication
    · Safety equipment
    · Automation
    · Applications requiring high output and precise optical / mechanical axis alignment.

    ## Electrical & Optical Characteristics (Ta = 25ºC)

    · Forward Voltage (Vf):
    - If=20mA: 0.9 - 1.0V
    - If=100mA: 1.0 - 1.2V
    · Reverse Current (Ir): Vr=5V: 10uA
    · Radiant Power (Φe): If=100mA: 7mW
    · Viewing Angle (φ): If=50mA: +/-45 degrees
    · Spectral Bandwidth (Δλ0.5): If=50mA: 70nm
    · Peak Forward Current (pulse): pulse width=10us, duty=1%: 200mA
    · Switching Time (tr, tf): If=50mA: 25ns, 40ns

    ## Absolute Maximum Ratings (Ta=25ºC)

    · Forward DC Current (If): 100mA
    · Peak Forward Current (pulse): 200mA (pulse width=10us, duty=1%)
    · Storage Temperature Range (Tst): -30 to +100 ºC
    · Junction Temperature (Tj): 100 ºC
    · Lead Soldering Temperature (Tslg): 260 ºC (t<5s, 3mm from case)
    · Power Dissipation (Pd): 100mW
    · Reverse Voltage (Vr): 5V

    # Infrared Emitter - MTE0012-095-IR

    ## General Characteristics

    · Product No: MTE0012-095-IR
    · Type: InGaAs/InP, MQW
    · Package: TO-46 with flat glass lens cap
    · Peak Emission Wavelength: 1200nm (range: 1170 - 1230nm)
    · Tolerance: ±0.2mm
    · Features: High power, high speed, high reliability, wide beam angle

    ## Applications

    · Optical switches
    · Optical communication
    · Safety equipment
    · Automation
    · Applications requiring high output and precise optical / mechanical axis alignment.

    ## Electrical & Optical Characteristics (Ta = 25ºC)

    · Forward Voltage (Vf):
    - If=20mA: 0.9 - 1.0V
    - If=100mA: 1.0 - 1.2V
    · Reverse Current (Ir): Vr=5V: 10uA
    · Radiant Power (Φe): If=100mA: 7mW
    · Viewing Angle (φ): If=50mA: +/-45 degrees
    · Spectral Bandwidth (Δλ0.5): If=50mA: 70nm
    · Peak Forward Current (pulse): pulse width=10us, duty=1%: 200mA
    · Switching Time (tr, tf): If=50mA: 25ns, 40ns

    ## Absolute Maximum Ratings (Ta=25ºC)

    · Forward DC Current (If): 100mA
    · Peak Forward Current (pulse): 200mA (pulse width=10us, duty=1%)
    · Storage Temperature Range (Tst): -30 to +100 ºC
    · Junction Temperature (Tj): 100 ºC
    · Lead Soldering Temperature (Tslg): 260 ºC (t<5s, 3mm from case)
    · Power Dissipation (Pd): 100mW
    · Reverse Voltage (Vr): 5V

    Part No.MTE0012-095-IR
    ManufacturerMARKTECH
    Size1Mb
    Pages2 pages
    DescriptionOptical communication