| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CMC-6022-37T Datasheet
# Example questions:
➢ What are the dimensions of the inner box used for packaging these microphones?
➢ What is the typical sensitivity of this microphone at 1 khz with a sound pressure level of 1 pa?
➢ What is the maximum voltage that can be applied to this microphone during operation?
# CMC-6022-37T Electret Condenser Microphone
## Features
· Omnidirectional
· -37 dB sensitivity rating
· Terminal mount
## Specifications
· Directivity: Omnidirectional
· Sensitivity (S): -40 to -34 dB (f = 3 kHz, 1 Pa, 0 dB = 1 V/Pa)
· Operating Voltage (Vs): 2 Vdc
· Maximum Operating Voltage: 20 Vdc
· Output Impedance (Zout): 2.2 kΩ (f = 1 kHz, 1 Pa)
· Frequency Response: 20 Hz – 20 kHz
· Current Consumption (IDSS): 0.5 mA (Vs = 3.0 Vdc, RL = 2.2 kΩ)
· Signal-to-Noise Ratio (S/N): 65 dBA (f = 1 kHz, 1 Pa, A-weighted)
· Dimensions: Ø6.0 x 2.2 mm
· Material: Aluminum
· Weight: 0.2 g
· Operating Temperature: -20°C to 70°C
· Storage Temperature: -20°C to 70°C
· RoHS Compliant: 2011/65/EU
## Solderability
· Hand Soldering: 310°C to 330°C for a maximum of 2 seconds.
## Packaging
· Inner Box: 62 x 62 x 3 mm, 100 pcs
· Middle Box: 125 x 65 x 28 mm, 1,000 pcs
· Outer Box: 210 x 210 x 280 mm, 40,000 pcs
· Labeling: Stickered on inner boxes and outer carton.
## Revision History
· 1.0 (11/07/2016): Initial Release
# CMC-6022-37T Electret Condenser Microphone
## Features
· Omnidirectional
· -37 dB sensitivity rating
· Terminal mount
## Specifications
· Directivity: Omnidirectional
· Sensitivity (S): -40 to -34 dB (f = 3 kHz, 1 Pa, 0 dB = 1 V/Pa)
· Operating Voltage (Vs): 2 Vdc
· Maximum Operating Voltage: 20 Vdc
· Output Impedance (Zout): 2.2 kΩ (f = 1 kHz, 1 Pa)
· Frequency Response: 20 Hz – 20 kHz
· Current Consumption (IDSS): 0.5 mA (Vs = 3.0 Vdc, RL = 2.2 kΩ)
· Signal-to-Noise Ratio (S/N): 65 dBA (f = 1 kHz, 1 Pa, A-weighted)
· Dimensions: Ø6.0 x 2.2 mm
· Material: Aluminum
· Weight: 0.2 g
· Operating Temperature: -20°C to 70°C
· Storage Temperature: -20°C to 70°C
· RoHS Compliant: 2011/65/EU
## Solderability
· Hand Soldering: 310°C to 330°C for a maximum of 2 seconds.
## Packaging
· Inner Box: 62 x 62 x 3 mm, 100 pcs
· Middle Box: 125 x 65 x 28 mm, 1,000 pcs
· Outer Box: 210 x 210 x 280 mm, 40,000 pcs
· Labeling: Stickered on inner boxes and outer carton.
## Revision History
· 1.0 (11/07/2016): Initial Release
| Part No. | CMC-6022-37T |
| Manufacturer | CUI |
| Size | 474 Kbytes |
| Pages | 4 pages |
| Description | ELECTRET CONDENSER MICROPHONE |
| プライバシーポリシー |
| ALLDATASHEET.JP |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |