| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KSMB540 Datasheet
# Example questions:
➢ What is the typical value for the gate-source threshold voltage (vgs(th)) and what does this parameter signify?
➢ What is the maximum continuous drain current this mosfet can handle at a case temperature of 100°c?
➢ How does the thermal resistance from junction to case (rθjc) affect the device's heat dissipation capabilities?
# KSMB540 N-channel MOSFET
## Description
An N-channel MOSFET utilizing advanced trench technology, designed for low gate charge and wide application versatility.
## Features
️· Low gate charge
️· Green device available
️· Advanced high-density trench technology for low RDS(ON)
️· Excellent package for heat dissipation
## Absolute Maximum Ratings
️· VDS (Drain-Source Voltage): 100V
️· VGS (Gate-Source Voltage): ±20V
️· ID (Continuous Drain Current): 28A (at 25°C), 20A (at 100°C)
️· Pulsed Drain Current: 110A
️· EAS (Single Pulse Avalanche Energy): 230 mJ
️· PD (Power Dissipation): 150 W
️· TJ, TSTG (Operating/Storage Junction Temperature): -55°C to +175°C
## Thermal Characteristics
️· RƟJC (Junction-to-Case Thermal Resistance): 62 ℃/W
️· RƟJA (Junction-to-Ambient Thermal Resistance): 1.0
## Electrical Characteristics
️· BVDSS (Drain-Source Breakdown Voltage): 100V
️· RDS(ON) (Drain-Source On Resistance): 0.077Ω (at VDS=10V, ID=6A)
️· VGS(th) (Gate-Source Threshold Voltage): 2.0 - 4.0 V
️· Qg (Total Gate Charge): 72 nC
️· VSD (Source-Drain Diode Forward Voltage): 2.5 V
## Package and Ordering Information
️· Part No.: KSMB540
️· Marking: KSMB540
️· Package: TO-263
## Key Parameters
| Parameter | Conditions | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| VDS | Drain-Source Voltage | 100 | V | ||
| VGS | Gate-Source Voltage | ±20 | V | ||
| ID | Continuous Drain Current-1 | 28 | A | ||
| ID | Continuous Drain Current-T=100℃ | 20 | A | ||
| EAS | Single Pulse Avalanche Energy | 230 | mJ | ||
| PD | Power Dissipation | 150 | W | ||
| TJ, TSTG | Operating and Storage Junction Temperature | -55 to +175 | ℃ |
# KSMB540 N-channel MOSFET
## Description
An N-channel MOSFET utilizing advanced trench technology, designed for low gate charge and wide application versatility.
## Features
️· Low gate charge
️· Green device available
️· Advanced high-density trench technology for low RDS(ON)
️· Excellent package for heat dissipation
## Absolute Maximum Ratings
️· VDS (Drain-Source Voltage): 100V
️· VGS (Gate-Source Voltage): ±20V
️· ID (Continuous Drain Current): 28A (at 25°C), 20A (at 100°C)
️· Pulsed Drain Current: 110A
️· EAS (Single Pulse Avalanche Energy): 230 mJ
️· PD (Power Dissipation): 150 W
️· TJ, TSTG (Operating/Storage Junction Temperature): -55°C to +175°C
## Thermal Characteristics
️· RƟJC (Junction-to-Case Thermal Resistance): 62 ℃/W
️· RƟJA (Junction-to-Ambient Thermal Resistance): 1.0
## Electrical Characteristics
️· BVDSS (Drain-Source Breakdown Voltage): 100V
️· RDS(ON) (Drain-Source On Resistance): 0.077Ω (at VDS=10V, ID=6A)
️· VGS(th) (Gate-Source Threshold Voltage): 2.0 - 4.0 V
️· Qg (Total Gate Charge): 72 nC
️· VSD (Source-Drain Diode Forward Voltage): 2.5 V
## Package and Ordering Information
️· Part No.: KSMB540
️· Marking: KSMB540
️· Package: TO-263
## Key Parameters
| Parameter | Conditions | Min | Typ | Max | Units |
|---|---|---|---|---|---|
| VDS | Drain-Source Voltage | 100 | V | ||
| VGS | Gate-Source Voltage | ±20 | V | ||
| ID | Continuous Drain Current-1 | 28 | A | ||
| ID | Continuous Drain Current-T=100℃ | 20 | A | ||
| EAS | Single Pulse Avalanche Energy | 230 | mJ | ||
| PD | Power Dissipation | 150 | W | ||
| TJ, TSTG | Operating and Storage Junction Temperature | -55 to +175 | ℃ |
| Part No. | KSMB540 |
| Manufacturer | KERSEMI |
| Size | 660 Kbytes |
| Pages | 4 pages |
| Description | Green device available. |