| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FEP-1612 Datasheet
# Example questions:
➢ What type of network cable is required for use with the 100mbps ports on this switch?
➢ How much power, in watts, can each port supply when using the 803at poe standard?
➢ What are the operating and storage temperature ranges for this device?
FEP-1612: 16-Port Fast Ethernet PoE Plus Switch
Overview
️· 16 x 10/100Mbps Fast Ethernet ports with PoE (Power over Ethernet) interfaces.
️· Supports MDI/MDI-X auto-detection.
️· Non-blocking 3.2Gbps backplane.
️· Ideal for bridging Ethernet and Fast Ethernet networks.
️· Suitable for campuses, workgroups, and industrial applications.
Key Features
️· IEEE 802.3at PoE Plus compliant.
️· Supports auto-negotiation and auto-MDI/MDI-X.
️· Store-and-Forward architecture.
️· IEEE 802.3x flow control.
️· Total PoE power budget: 480W (up to 30W per port).
Technical Specifications
️· Standards: IEEE 802.3, 802.3u, 802.3x, 802.3af, 802.3at.
️· MAC Address: 4K
️· Buffer Memory: 160KB
️· Filtering/Forwarding Rates: 100Mbps - 148,000pps; 10Mbps - 14,880pps
️· Transmission Media: Cat. 3, 4, 5 UTP/STP
️· PoE Power Output: 56V DC, Max. 15.4W (802.3af) or 30W (802.3at)
️· Power Pin Assignment: 1/2(+), 3/6(-)
Physical Characteristics
️· Dimensions: 480 x 200 x 44mm
️· Weight: 2.85kg
️· Operating Temperature: 0~45°C
️· Storage Temperature: -40~70°C
️· Certifications: FCC, CE
Package Contents
️· Rubber Feet x 4
️· Power Cord
️· Quick Installation Guide
FEP-1612: 16-Port Fast Ethernet PoE Plus Switch
Overview
️· 16 x 10/100Mbps Fast Ethernet ports with PoE (Power over Ethernet) interfaces.
️· Supports MDI/MDI-X auto-detection.
️· Non-blocking 3.2Gbps backplane.
️· Ideal for bridging Ethernet and Fast Ethernet networks.
️· Suitable for campuses, workgroups, and industrial applications.
Key Features
️· IEEE 802.3at PoE Plus compliant.
️· Supports auto-negotiation and auto-MDI/MDI-X.
️· Store-and-Forward architecture.
️· IEEE 802.3x flow control.
️· Total PoE power budget: 480W (up to 30W per port).
Technical Specifications
️· Standards: IEEE 802.3, 802.3u, 802.3x, 802.3af, 802.3at.
️· MAC Address: 4K
️· Buffer Memory: 160KB
️· Filtering/Forwarding Rates: 100Mbps - 148,000pps; 10Mbps - 14,880pps
️· Transmission Media: Cat. 3, 4, 5 UTP/STP
️· PoE Power Output: 56V DC, Max. 15.4W (802.3af) or 30W (802.3at)
️· Power Pin Assignment: 1/2(+), 3/6(-)
Physical Characteristics
️· Dimensions: 480 x 200 x 44mm
️· Weight: 2.85kg
️· Operating Temperature: 0~45°C
️· Storage Temperature: -40~70°C
️· Certifications: FCC, CE
Package Contents
️· Rubber Feet x 4
️· Power Cord
️· Quick Installation Guide
| Part No. | FEP-1612 |
| Manufacturer | LVL1 |
| Size | 350 Kbytes |
| Pages | 3 pages |
| Description | Simple Plug and Play installation |