データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q65110A4131 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about Q65110A4131 Datasheet

  • # Example questions: ➢ How does the operating temperature range of -30°c to +70°c affect the display's performance or lifespan?
    ➢ What are the available color options for this oled display, and how does the luminance differ between them?
    ➢ Which driver chip, ssd1303 or sdd0323, is used with the 1-bit displays, and what is the difference between a 1-bit and 4-bit grayscale display?

  • Part No.Q65110A4131
    ManufacturerOSRAM
    Size299 Kbytes
    Pages2 pages
    DescriptionOLED DISPLAY SOLUTIONS
    Datasheet Summary with AI

    # Pictiva™ 1.0-inch 128x64 OLED Display

    ## Features
    · Available in white and 3 other colors (Elegance Yellow, Lime Green, Tiger Orange, Galaxy White)
    · RoHS compliant
    · 180° viewing angle
    · Fast response, video capable
    · High contrast
    · Wide operating temperature range (-30°C to +70°C)
    · Thin profile (1.7mm)

    ## Benefits
    · Attractive appearance (White or Blue)
    · Low-cost graphic solution
    · Ultra-thin structure suitable for mobile devices

    ## Applications
    · Mobile Phone Sub-Displays
    · MP3 Players
    · Mobile Consumer Devices

    ## Specifications
    · Display Format: 128 Columns x 64 Rows
    · Diagonal: 1.0 inch
    · Pixel Pitch: 0.18 mm x 0.18 mm
    · Color Options & Lifetime (hours):
    - Elegance Yellow: 100/200* lifetime, 40K/10K*
    - Lime Green: 120, 10K
    - Tiger Orange: 50, 10K
    - Galaxy White: 35, TBA (*To Be Announced*)
    · Grayscale: 1 or 4 bit
    · Active Area: 22.75 mm (W) x 11.36 mm (H)
    · Module Size: 30.0 mm (W) x 20.0 mm (H) x 1.7 mm (T)
    · Contrast Ratio: 2000:1 (dark ambient)
    · Operating Voltage: 2.4V – 3.5V (Logic), 12V– 13V (OLED Supply)
    · Power: 0.05 mW (Sleep Mode)
    · Interface: Parallel or Serial, TAB interconnect
    · Driver: SSD1303 (1-bit), SDD0323 (4-bit)
    · Weight: 2.2g nominal



    ## Ordering Information

    Part Number Order Number Description
    OS128064PN10MY0B10 Q65110A4124 Pictiva™ 1.0 inch 128x64 OLED Display, Elegance Yellow (1-bit)
    OS128064PN10MG1B10 Q65110A4125 Pictiva™ 1.0 inch 128x64 OLED Display, Lime Green (1-bit)
    OS128064PN10MO1B10 Q65110A4126 Pictiva™ 1.0 inch 128x64 OLED Display, Tiger Orange (1-bit)
    OS128064PN10MW1B10 Q65110A4122 Pictiva™ 1.0 inch 128x64 OLED Display, Galaxy White (1-bit)
    OS128064PK10MY0B10 Q65110A4130 Pictiva™ 1.0 inch 128x64 OLED Display, Elegance Yellow (4-bit)
    OS128064PK10MG1B10 Q65110A4131 Pictiva™ 1.0 inch 128x64 OLED Display, Lime Green (4-bit)
    OS128064PK10MO1B10 Q65110A4132 Pictiva™ 1.0 inch 128x64 OLED Display, Tiger Orange (4-bit)
    OS128064PK10MW1B10 Q65110A4128 Pictiva™ 1.0 inch 128x64 OLED Display, Galaxy White (4-bit)

    ## Contact Information
    · Asia: +60(4) 631-8100, prasia@osram-os.com
    · Europe: +49 (0)941-850-3535, pr@osram-os.com
    · North America: +1-888-446-7726 ext.4310, info@osram-os.com
    · Web: www.pictiva.com

    # Pictiva™ 1.0-inch 128x64 OLED Display

    ## Features
    · Available in white and 3 other colors (Elegance Yellow, Lime Green, Tiger Orange, Galaxy White)
    · RoHS compliant
    · 180° viewing angle
    · Fast response, video capable
    · High contrast
    · Wide operating temperature range (-30°C to +70°C)
    · Thin profile (1.7mm)

    ## Benefits
    · Attractive appearance (White or Blue)
    · Low-cost graphic solution
    · Ultra-thin structure suitable for mobile devices

    ## Applications
    · Mobile Phone Sub-Displays
    · MP3 Players
    · Mobile Consumer Devices

    ## Specifications
    · Display Format: 128 Columns x 64 Rows
    · Diagonal: 1.0 inch
    · Pixel Pitch: 0.18 mm x 0.18 mm
    · Color Options & Lifetime (hours):
    - Elegance Yellow: 100/200* lifetime, 40K/10K*
    - Lime Green: 120, 10K
    - Tiger Orange: 50, 10K
    - Galaxy White: 35, TBA (*To Be Announced*)
    · Grayscale: 1 or 4 bit
    · Active Area: 22.75 mm (W) x 11.36 mm (H)
    · Module Size: 30.0 mm (W) x 20.0 mm (H) x 1.7 mm (T)
    · Contrast Ratio: 2000:1 (dark ambient)
    · Operating Voltage: 2.4V – 3.5V (Logic), 12V– 13V (OLED Supply)
    · Power: 0.05 mW (Sleep Mode)
    · Interface: Parallel or Serial, TAB interconnect
    · Driver: SSD1303 (1-bit), SDD0323 (4-bit)
    · Weight: 2.2g nominal



    ## Ordering Information

    Part Number Order Number Description
    OS128064PN10MY0B10 Q65110A4124 Pictiva™ 1.0 inch 128x64 OLED Display, Elegance Yellow (1-bit)
    OS128064PN10MG1B10 Q65110A4125 Pictiva™ 1.0 inch 128x64 OLED Display, Lime Green (1-bit)
    OS128064PN10MO1B10 Q65110A4126 Pictiva™ 1.0 inch 128x64 OLED Display, Tiger Orange (1-bit)
    OS128064PN10MW1B10 Q65110A4122 Pictiva™ 1.0 inch 128x64 OLED Display, Galaxy White (1-bit)
    OS128064PK10MY0B10 Q65110A4130 Pictiva™ 1.0 inch 128x64 OLED Display, Elegance Yellow (4-bit)
    OS128064PK10MG1B10 Q65110A4131 Pictiva™ 1.0 inch 128x64 OLED Display, Lime Green (4-bit)
    OS128064PK10MO1B10 Q65110A4132 Pictiva™ 1.0 inch 128x64 OLED Display, Tiger Orange (4-bit)
    OS128064PK10MW1B10 Q65110A4128 Pictiva™ 1.0 inch 128x64 OLED Display, Galaxy White (4-bit)

    ## Contact Information
    · Asia: +60(4) 631-8100, prasia@osram-os.com
    · Europe: +49 (0)941-850-3535, pr@osram-os.com
    · North America: +1-888-446-7726 ext.4310, info@osram-os.com
    · Web: www.pictiva.com

    Part No.Q65110A4131
    ManufacturerOSRAM
    Size299 Kbytes
    Pages2 pages
    DescriptionOLED DISPLAY SOLUTIONS