データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PI3B3253L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PI3B3253L Datasheet

  • # Example questions: ➢ What are the typical and maximum input voltages (vih, vil) for the pi3b3253?
    ➢ What packaging options are available for the pi3b3253, and which one is lead-free/green?
    ➢ What is the maximum power dissipation for the pi3b3253?

  • Part No.PI3B3253L
    ManufacturerPERICOM
    Size354 Kbytes
    Pages5 pages
    DescriptionMux/DeMux NanoSwitch?
    Datasheet Summary with AI

    ## Summary of the PI3B3253 Datasheet

    This datasheet details the PI3B3253, a 3.3V, dual 4:1 multiplexer/demultiplexer utilizing Pericom’s NanoSwitch™ technology. Here's a breakdown of the key information:

    Core Functionality:

    ️· Type: Dual 4:1 Multiplexer/Demultiplexer
    ️· Voltage: Operates at 3.3V, but logic inputs can be driven up to 3.6V regardless of supply.
    ️· Technology: NanoSwitch™ – designed for low power consumption and high performance.

    Key Features & Specifications:

    ️· Low On-Resistance (R<sub>ON</sub>): Typically 5-8 Ohms, minimizing signal degradation.
    ️· Wide Input Voltage Range: Logic inputs accept voltages up to 3.6V.
    ️· Low Quiescent Current (I<sub>CC</sub>): 0.1µA (typical) – indicating low power consumption.
    ️· Fast Switching Speeds: Propagation delays as low as 0.25ns
    ️· Multiple Packaging Options: Available in 16-pin QSOP, SOIC, and TSSOP packages, with Pb-free/Green options.

    Electrical Characteristics:

    ️· Input High Voltage (V<sub>IH</sub>): 2.0V
    ️· Input Low Voltage (V<sub>IL</sub>): 0.8V

    Applications:

    ️· Suitable for a range of applications requiring multiplexing and demultiplexing of signals.

    Important Notes:

    ️· Power-Up Sequence: Always apply VCC and GND *before* applying signals to input/output pins.
    ️· Thermal Considerations: Thermal characteristics can be found on Pericom’s website.



    In essence, the PI3B3253 is a high-performance, low-power multiplexer/demultiplexer, well-suited for applications where signal integrity and power efficiency are critical.

    ## Summary of the PI3B3253 Datasheet

    This datasheet details the PI3B3253, a 3.3V, dual 4:1 multiplexer/demultiplexer utilizing Pericom’s NanoSwitch™ technology. Here's a breakdown of the key information:

    Core Functionality:

    ️· Type: Dual 4:1 Multiplexer/Demultiplexer
    ️· Voltage: Operates at 3.3V, but logic inputs can be driven up to 3.6V regardless of supply.
    ️· Technology: NanoSwitch™ – designed for low power consumption and high performance.

    Key Features & Specifications:

    ️· Low On-Resistance (R<sub>ON</sub>): Typically 5-8 Ohms, minimizing signal degradation.
    ️· Wide Input Voltage Range: Logic inputs accept voltages up to 3.6V.
    ️· Low Quiescent Current (I<sub>CC</sub>): 0.1µA (typical) – indicating low power consumption.
    ️· Fast Switching Speeds: Propagation delays as low as 0.25ns
    ️· Multiple Packaging Options: Available in 16-pin QSOP, SOIC, and TSSOP packages, with Pb-free/Green options.

    Electrical Characteristics:

    ️· Input High Voltage (V<sub>IH</sub>): 2.0V
    ️· Input Low Voltage (V<sub>IL</sub>): 0.8V

    Applications:

    ️· Suitable for a range of applications requiring multiplexing and demultiplexing of signals.

    Important Notes:

    ️· Power-Up Sequence: Always apply VCC and GND *before* applying signals to input/output pins.
    ️· Thermal Considerations: Thermal characteristics can be found on Pericom’s website.



    In essence, the PI3B3253 is a high-performance, low-power multiplexer/demultiplexer, well-suited for applications where signal integrity and power efficiency are critical.

    Part No.PI3B3253L
    ManufacturerPERICOM
    Size354 Kbytes
    Pages5 pages
    DescriptionMux/DeMux NanoSwitch?