データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDA006A-700C Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PDA006A-700C Datasheet

  • # Example questions: ➢ What wire gauge is recommended for connecting to the input and output terminals?
    ➢ What is the maximum allowable operating temperature for this led driver?
    ➢ What safety certifications has this pda006a led power supply achieved?

  • Part No.PDA006A-700C
    ManufacturerPHIHONG
    Size164 Kbytes
    Pages3 pages
    Description6W LED Driver with 700mA Constant Current PDA006A LED Power Supply
    Datasheet Summary with AI

    # PDA006A 6W LED Driver

    ## Features
    · Low profile design
    · IP20 rated
    · OVP, OCP, Over-Load & Short-Circuit Protection
    · RoHS & Halogen Free Compliant
    · Power Factor Correction
    · Brownout/Brownout Recovery
    · Constant Current
    · Input Current Protection (1W/3.9Ohm fuse)

    ## Applications
    · Indoor Lighting
    · Architectural Lighting

    ## Safety Approvals
    · CQC, C-Tick, SAA, CE, TUV, CCC

    ## Mechanical Characteristics
    · Length: 58mm (2.28in)
    · Width: 35mm (1.38in)
    · Height: 20.5mm (0.81in)
    · Weight: 40g (1.41oz)

    ## Output Specifications
    · Output Power: 5.6W (Max)
    · DC Output Voltage Range: 2.5V – 7.5V
    · Output Current Range: 650mA - 750mA

    ## Input Specifications
    · AC Input Voltage: 211-264VAC
    · Nominal AC Input Voltage: 220-240VAC
    · Max Input Current: ≤100mA @ 211VAC, Full Load
    · AC Inrush Current: ≤20A @ 230VAC, Max Load

    ## Environmental
    · Operating Temperature: -20 to +50°C
    · Storage Temperature: -20 to +70°C
    · Operating Humidity: 10-95%
    · Storage Humidity: 05-95%

    ## Protection
    · Short Circuit: Auto restart without damage
    · Output Overvoltage Protection: Auto shut down (max 12V)
    · Open Circuit Protection: Output < 12V @ nominal input

    ## Connections
    · Input/Output: 2-pin terminal block
    - Line: Brown
    - Neutral: Blue
    - Vout+: Red
    - Vout-: Black
    · Wire Gauge: 16-18 AWG solid or stranded

    ## Compliance
    · EMC: EN55015, FCC 47 Part 18, EN55022 Class B
    · Immunity: EN61000-4-2, EN61000-4-5, EN61000-3-2 Class C, EN61000-3-3

    ## Warranty & Lifespan
    · Warranty: 3 Years
    · Lifespan: 20,000 Hours (at max load, 50°C ambient)

    # PDA006A 6W LED Driver

    ## Features
    · Low profile design
    · IP20 rated
    · OVP, OCP, Over-Load & Short-Circuit Protection
    · RoHS & Halogen Free Compliant
    · Power Factor Correction
    · Brownout/Brownout Recovery
    · Constant Current
    · Input Current Protection (1W/3.9Ohm fuse)

    ## Applications
    · Indoor Lighting
    · Architectural Lighting

    ## Safety Approvals
    · CQC, C-Tick, SAA, CE, TUV, CCC

    ## Mechanical Characteristics
    · Length: 58mm (2.28in)
    · Width: 35mm (1.38in)
    · Height: 20.5mm (0.81in)
    · Weight: 40g (1.41oz)

    ## Output Specifications
    · Output Power: 5.6W (Max)
    · DC Output Voltage Range: 2.5V – 7.5V
    · Output Current Range: 650mA - 750mA

    ## Input Specifications
    · AC Input Voltage: 211-264VAC
    · Nominal AC Input Voltage: 220-240VAC
    · Max Input Current: ≤100mA @ 211VAC, Full Load
    · AC Inrush Current: ≤20A @ 230VAC, Max Load

    ## Environmental
    · Operating Temperature: -20 to +50°C
    · Storage Temperature: -20 to +70°C
    · Operating Humidity: 10-95%
    · Storage Humidity: 05-95%

    ## Protection
    · Short Circuit: Auto restart without damage
    · Output Overvoltage Protection: Auto shut down (max 12V)
    · Open Circuit Protection: Output < 12V @ nominal input

    ## Connections
    · Input/Output: 2-pin terminal block
    - Line: Brown
    - Neutral: Blue
    - Vout+: Red
    - Vout-: Black
    · Wire Gauge: 16-18 AWG solid or stranded

    ## Compliance
    · EMC: EN55015, FCC 47 Part 18, EN55022 Class B
    · Immunity: EN61000-4-2, EN61000-4-5, EN61000-3-2 Class C, EN61000-3-3

    ## Warranty & Lifespan
    · Warranty: 3 Years
    · Lifespan: 20,000 Hours (at max load, 50°C ambient)

    Part No.PDA006A-700C
    ManufacturerPHIHONG
    Size164 Kbytes
    Pages3 pages
    Description6W LED Driver with 700mA Constant Current PDA006A LED Power Supply