| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about NTE1242 Datasheet
# Example questions:
➢ What is the maximum allowable supply voltage for this integrated circuit?
➢ What is the operating ambient temperature range within which this device is designed to function properly?
➢ What is the typical total circuit current draw under the specified test conditions?
# NTE1242 Integrated Circuit - FM/AM IF Amp, AM Converter
## Features
· Separate AM and FM circuitry
· Compatible with ceramic filters
· Consistent AM and FM detection output levels
## Absolute Maximum Ratings
· Supply Voltage (VCC): 9.6V
· Circuit Voltages (V8–7, V15–6): 14.4V
· Supply Current (ICC): 40mA
· Power Dissipation (PD): 400mW (at 75°C)
· Operating Ambient Temperature Range: -20°C to +75°C
· Storage Temperature Range: -55°C to +150°C
## Electrical Characteristics (at VCC = 8V, TA = +25°C)
· Total Circuit Current (I tot): 15-34mA (typical 24mA)
· AM-IF Detector Output Voltage (VO): 2.4-9.5mV
· FM-IF Detector Output Voltage (VO): 3.8-10.0mV
· Circuit Voltages:
- V3–2: ~3.0V
- V7–6: ~1.7V
- V12–4 (V10 = 1.0V): up to 30mV
- V12–4 (V10 = 1.4V): up to 66mV
- V4–8: up to 120mV
- V4–9: up to 240mV
- V15–4: up to 62mV
# NTE1242 Integrated Circuit - FM/AM IF Amp, AM Converter
## Features
· Separate AM and FM circuitry
· Compatible with ceramic filters
· Consistent AM and FM detection output levels
## Absolute Maximum Ratings
· Supply Voltage (VCC): 9.6V
· Circuit Voltages (V8–7, V15–6): 14.4V
· Supply Current (ICC): 40mA
· Power Dissipation (PD): 400mW (at 75°C)
· Operating Ambient Temperature Range: -20°C to +75°C
· Storage Temperature Range: -55°C to +150°C
## Electrical Characteristics (at VCC = 8V, TA = +25°C)
· Total Circuit Current (I tot): 15-34mA (typical 24mA)
· AM-IF Detector Output Voltage (VO): 2.4-9.5mV
· FM-IF Detector Output Voltage (VO): 3.8-10.0mV
· Circuit Voltages:
- V3–2: ~3.0V
- V7–6: ~1.7V
- V12–4 (V10 = 1.0V): up to 30mV
- V12–4 (V10 = 1.4V): up to 66mV
- V4–8: up to 120mV
- V4–9: up to 240mV
- V15–4: up to 62mV
| Part No. | NTE1242 |
| Manufacturer | NTE |
| Size | 21 Kbytes |
| Pages | 2 pages |
| Description | Integrated Circuit FM/AM IF Amp, AM Converter |