データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SW47N60K Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SW47N60K Datasheet

  • # Example questions: ➢ What test condition is used to measure the gate threshold voltage (vgs(th))?
    ➢ What is the maximum continuous drain current (id) when the case temperature (tc) is 100°c?
    ➢ What is the value of the thermal resistance from junction to ambient (rthja) as specified in the datasheet?

  • Part No.SW47N60K
    ManufacturerSEMIPOWER
    Size847 Kbytes
    Pages6 pages
    DescriptionN-channel Enhanced mode TO-247 MOSFET
    Datasheet Summary with AI

    ## Summary of the SW47N60K MOSFET Datasheet

    This document is a datasheet for the SW47N60K N-Channel Super Junction MOSFET, manufactured by SEMIPOWER. Here's a breakdown of the key information:

    1. Core Specifications:

    ️· Type: N-Channel Super Junction MOSFET
    ️· Maximum Drain-Source Voltage (VDSS): 600V
    ️· Continuous Drain Current (ID):
    - 25°C: 47A
    - 100°C: 29.6A
    ️· Pulse Drain Current (IDM): 188A
    ️· RDS(on) (Drain-Source On-Resistance): 56mΩ @ VGS = 10V, ID = 23A
    ️· Gate-Source Voltage (VGS): ±30V

    2. Key Features & Benefits:

    ️· Super Junction Technology: Provides low on-resistance and high efficiency.
    ️· High Voltage Capability: Suitable for applications requiring 600V operation.
    ️· Low Gate Charge: Reduces switching losses.
    ️· High Current Handling: Can handle significant current levels.

    3. Thermal Characteristics:

    ️· Rthjc (Junction-to-Case Thermal Resistance): 0.38°C/W
    ️· Rthja (Junction-to-Ambient Thermal Resistance): 34.9°C/W

    4. Applications:

    This MOSFET is suitable for a range of power switching applications, including:

    ️· Power Supplies
    ️· DC-DC Converters
    ️· Motor Control
    ️· High-Efficiency Power Amplifiers

    5. Important Notes:

    ️· The datasheet includes detailed graphs showing characteristics like safe operating area, on-resistance variation, and gate charge.
    ️· The datasheet also includes testing circuits for dynamic parameters.
    ️· Semipower provides a link to its website for reliability testing standards and contact information.

    In essence, the SW47N60K is a high-performance MOSFET designed for efficient power switching in demanding applications. The datasheet provides comprehensive information for engineers to properly design with this component.

    ## Summary of the SW47N60K MOSFET Datasheet

    This document is a datasheet for the SW47N60K N-Channel Super Junction MOSFET, manufactured by SEMIPOWER. Here's a breakdown of the key information:

    1. Core Specifications:

    ️· Type: N-Channel Super Junction MOSFET
    ️· Maximum Drain-Source Voltage (VDSS): 600V
    ️· Continuous Drain Current (ID):
    - 25°C: 47A
    - 100°C: 29.6A
    ️· Pulse Drain Current (IDM): 188A
    ️· RDS(on) (Drain-Source On-Resistance): 56mΩ @ VGS = 10V, ID = 23A
    ️· Gate-Source Voltage (VGS): ±30V

    2. Key Features & Benefits:

    ️· Super Junction Technology: Provides low on-resistance and high efficiency.
    ️· High Voltage Capability: Suitable for applications requiring 600V operation.
    ️· Low Gate Charge: Reduces switching losses.
    ️· High Current Handling: Can handle significant current levels.

    3. Thermal Characteristics:

    ️· Rthjc (Junction-to-Case Thermal Resistance): 0.38°C/W
    ️· Rthja (Junction-to-Ambient Thermal Resistance): 34.9°C/W

    4. Applications:

    This MOSFET is suitable for a range of power switching applications, including:

    ️· Power Supplies
    ️· DC-DC Converters
    ️· Motor Control
    ️· High-Efficiency Power Amplifiers

    5. Important Notes:

    ️· The datasheet includes detailed graphs showing characteristics like safe operating area, on-resistance variation, and gate charge.
    ️· The datasheet also includes testing circuits for dynamic parameters.
    ️· Semipower provides a link to its website for reliability testing standards and contact information.

    In essence, the SW47N60K is a high-performance MOSFET designed for efficient power switching in demanding applications. The datasheet provides comprehensive information for engineers to properly design with this component.

    Part No.SW47N60K
    ManufacturerSEMIPOWER
    Size847 Kbytes
    Pages6 pages
    DescriptionN-channel Enhanced mode TO-247 MOSFET