データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9626BCPZ-170 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD9626BCPZ-170 Datasheet

  • # Example questions: ➢ What is the typical input common-mode range for the clock inputs of the ad9626, and what is the minimum acceptable differential input voltage?
    ➢ What are the three logic output coding options available for the ad9626?
    ➢ What is the typical high-level output voltage (voh) and the maximum low-level output voltage (vol) for the ad9626?

  • Part No.AD9626BCPZ-170
    ManufacturerAD
    Size1Mb
    Pages37 pages
    Description1.8 V Analog-to-Digital Converter
    Datasheet Summary with AI

    1. Overall Context

    ️· Device: AD9626 (High-Speed ADC)
    ️· Test Conditions (General):
    - AVDD = 1.8V (Analog Power)
    - DRVDD = 1.8V (Digital Power)
    - TMIN = -40°C (Minimum Operating Temperature)
    - TMAX = +85°C (Maximum Operating Temperature)
    - fIN = -1.0 dBFS (Input Signal Level)
    - full scale = 1.25 V (Full Scale Range)
    - DCS enabled (Digital Control System)
    ️· Reference Document: AN-835, _Understanding High Speed ADC Testing and Evaluation_ (provides definitions and testing methodology).

    2. AC Specifications (Analog and Digital Signals)

    The provided tables detail specifications for various input and output signals. Here's a summary of key parameters, grouped by signal type. Note that "Full" likely refers to a standard condition; specific AD9626 variants (AD9626-170, AD9626-210, AD9626-250) have slightly different values (as indicated in the tables) which would require referring to the full datasheet for exact numbers.

    A. Clock Inputs:

    ️· Logic Compliance: CMOS/LVDS/LVPECL (multiple logic levels supported)
    ️· Internal Common-Mode Bias: 1.2V
    ️· Differential Input Voltage: 0.2V
    ️· Input Voltage Range: AVDD - 6 to AVDD + 0.3V
    ️· Input Common-Mode Range: 1.2 to AVDD
    ️· High Level Input Voltage (VIH): 1.6V
    ️· Low Level Input Voltage (VIL): 1.1V
    ️· Input Resistance (Differential): 3.6 kΩ
    ️· Input Capacitance: 4 pF

    B. Logic Inputs (SDIO, SCLK, PDWN, CSB, RESET):

    ️· Logic 1 Voltage: 0.8 * AVDD
    ️· Logic 0 Voltage: 0.2 * AVDD
    ️· Logic 1 Input Current (SDIO): -60 μA
    ️· Logic 0 Input Current (SDIO): 55 μA
    ️· Input Capacitance: 4 pF

    C. Logic Outputs (Data Outputs):

    ️· High Level Output Voltage: DRVDD - 0.05 V
    ️· Low Level Output Voltage: GND + 0.05 V
    ️· Output Coding: Twos complement, Gray code, or offset binary (default). LVDS R TERMINATION = 100 Ω.

    3. Digital Specifications (Detailed)

    Parameter Unit Value (Typical) Notes
    Analog Power
    VDD V 1.8
    Digital Power
    DRVDD V 1.8
    Logic Inputs
    Logic 1 Voltage V 0.8 * AVDD
    Logic 0 Voltage V 0.2 * AVDD
    Logic Outputs
    High Level Output Voltage V DRVDD - 0.05
    Low Level Output Voltage V GND + 0.05



    Key Takeaways

    ️· Flexible Logic Levels: The AD9626 supports multiple logic levels (CMOS, LVDS, LVPECL) allowing it to interface with various systems.
    ️· Careful Voltage Considerations: The datasheet emphasizes specific voltage ranges for input and output signals to ensure proper operation.
    ️· Output Coding Options: The output data can be formatted in different coding schemes depending on the application.
    ️· Variant-Specific Values: The AD9626 comes in different variants (170, 210, 250) with slightly different specification values, so refer to the full datasheet for exact numbers.

    This comprehensive breakdown should give you a solid understanding of the key parameters and specifications outlined in the provided excerpts from the AD9626 datasheet.

    1. Overall Context

    ️· Device: AD9626 (High-Speed ADC)
    ️· Test Conditions (General):
    - AVDD = 1.8V (Analog Power)
    - DRVDD = 1.8V (Digital Power)
    - TMIN = -40°C (Minimum Operating Temperature)
    - TMAX = +85°C (Maximum Operating Temperature)
    - fIN = -1.0 dBFS (Input Signal Level)
    - full scale = 1.25 V (Full Scale Range)
    - DCS enabled (Digital Control System)
    ️· Reference Document: AN-835, _Understanding High Speed ADC Testing and Evaluation_ (provides definitions and testing methodology).

    2. AC Specifications (Analog and Digital Signals)

    The provided tables detail specifications for various input and output signals. Here's a summary of key parameters, grouped by signal type. Note that "Full" likely refers to a standard condition; specific AD9626 variants (AD9626-170, AD9626-210, AD9626-250) have slightly different values (as indicated in the tables) which would require referring to the full datasheet for exact numbers.

    A. Clock Inputs:

    ️· Logic Compliance: CMOS/LVDS/LVPECL (multiple logic levels supported)
    ️· Internal Common-Mode Bias: 1.2V
    ️· Differential Input Voltage: 0.2V
    ️· Input Voltage Range: AVDD - 6 to AVDD + 0.3V
    ️· Input Common-Mode Range: 1.2 to AVDD
    ️· High Level Input Voltage (VIH): 1.6V
    ️· Low Level Input Voltage (VIL): 1.1V
    ️· Input Resistance (Differential): 3.6 kΩ
    ️· Input Capacitance: 4 pF

    B. Logic Inputs (SDIO, SCLK, PDWN, CSB, RESET):

    ️· Logic 1 Voltage: 0.8 * AVDD
    ️· Logic 0 Voltage: 0.2 * AVDD
    ️· Logic 1 Input Current (SDIO): -60 μA
    ️· Logic 0 Input Current (SDIO): 55 μA
    ️· Input Capacitance: 4 pF

    C. Logic Outputs (Data Outputs):

    ️· High Level Output Voltage: DRVDD - 0.05 V
    ️· Low Level Output Voltage: GND + 0.05 V
    ️· Output Coding: Twos complement, Gray code, or offset binary (default). LVDS R TERMINATION = 100 Ω.

    3. Digital Specifications (Detailed)

    Parameter Unit Value (Typical) Notes
    Analog Power
    VDD V 1.8
    Digital Power
    DRVDD V 1.8
    Logic Inputs
    Logic 1 Voltage V 0.8 * AVDD
    Logic 0 Voltage V 0.2 * AVDD
    Logic Outputs
    High Level Output Voltage V DRVDD - 0.05
    Low Level Output Voltage V GND + 0.05



    Key Takeaways

    ️· Flexible Logic Levels: The AD9626 supports multiple logic levels (CMOS, LVDS, LVPECL) allowing it to interface with various systems.
    ️· Careful Voltage Considerations: The datasheet emphasizes specific voltage ranges for input and output signals to ensure proper operation.
    ️· Output Coding Options: The output data can be formatted in different coding schemes depending on the application.
    ️· Variant-Specific Values: The AD9626 comes in different variants (170, 210, 250) with slightly different specification values, so refer to the full datasheet for exact numbers.

    This comprehensive breakdown should give you a solid understanding of the key parameters and specifications outlined in the provided excerpts from the AD9626 datasheet.

    Part No.AD9626BCPZ-170
    ManufacturerAD
    Size1Mb
    Pages37 pages
    Description1.8 V Analog-to-Digital Converter