データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K52P144M100SF2V2 データシート (PDF) - NXP Semiconductors

K52P144M100SF2V2 Datasheet PDF - NXP Semiconductors
部品番号 K52P144M100SF2V2
ダウンロード  K52P144M100SF2V2 ダウンロード

ファイルサイズ   1611.85 Kbytes
ページ   82 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 K52 Sub-Family

K52P144M100SF2V2 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
K52P144M100SF2V2 Datasheet PDF - NXP Semiconductors

部品番号 K52P144M100SF2V2
ダウンロード  K52P144M100SF2V2 Click to download

ファイルサイズ   1611.85 Kbytes
ページ   82 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 K52 Sub-Family

K52P144M100SF2V2 データシート (HTML) - NXP Semiconductors

Back Button K52P144M100SF2V2 Datasheet HTML 1Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 2Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 3Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 4Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 5Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 6Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 7Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 8Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 9Page - NXP Semiconductors K52P144M100SF2V2 Datasheet HTML 10Page - NXP Semiconductors Next Button 

K52P144M100SF2V2 製品詳細

Features
• Operating Characteristics
   – Voltage range: 1.71 to 3.6 V
   – Flash write voltage range: 1.71 to 3.6 V
   – Temperature range (ambient): -40 to 85°C
• Performance
   – Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
• Memories and memory interfaces
   – Up to 512 KB program flash memory on nonFlexMemory devices
   – Up to 128 KB RAM
   – Serial programming interface (EzPort)
   – FlexBus external bus interface
• Clocks
   – 3 to 32 MHz crystal oscillator
   – 32 kHz crystal oscillator
   – Multi-purpose clock generator
• System peripherals
   – Multiple low-power modes to provide power optimization based on application requirements
   – Memory protection unit with multi-master protection
   – 16-channel DMA controller, supporting up to 63 request sources
   – External watchdog monitor
   – Software watchdog
   – Low-leakage wakeup unit
• Security and integrity modules
   – Hardware CRC module to support fast cyclic redundancy checks
   – Hardware random-number generator
   – Hardware encryption supporting DES, 3DES, AES, MD5, SHA-1, and SHA-256 algorithms
   – 128-bit unique identification (ID) number per chip
• Human-machine interface
   – Low-power hardware touch sensor interface (TSI)
   – General-purpose input/output
• Analog modules
   – Two 16-bit SAR ADCs
   – Programmable gain amplifier (PGA) (up to x64) integrated into each ADC
   – Two 12-bit DACs
   – Two operational amplifiers
   – Two transimpedance amplifiers
   – Three analog comparators (CMP) containing a 6-bit DAC and programmable reference input
   – Voltage reference
• Timers
   – Programmable delay block
   – Eight-channel motor control/general purpose/PWM timer
   – Two 2-channel quadrature decoder/general purpose timers
   – IEEE 1588 timers
   – Periodic interrupt timers
   – 16-bit low-power timer
   – Carrier modulator transmitter
   – Real-time clock
• Communication interfaces
   – Ethernet controller with MII and RMII interface to external PHY and hardware IEEE 1588 capability
   – USB full-/low-speed On-the-Go controller with onchip transceiver
   – Three SPI modules
   – Two I2C modules
   – Six UART modules
   – Secure Digital host controller (SDHC)
   – I2S module




同様の部品番号 - K52P144M100SF2V2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
K52P144M100SF2V2 FREESCALE-K52P144M100SF2V2 Datasheet
1Mb / 80P
   K52 Sub-Family
More results


同様の説明 - K52P144M100SF2V2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
K52P144M100SF2 NXP-K52P144M100SF2 Datasheet
2Mb / 82P
   K52 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K52P144M100SF2V2 FREESCALE-K52P144M100SF2V2 Datasheet
1Mb / 80P
   K52 Sub-Family
K20P144M120SF3_1210 FREESCALE-K20P144M120SF3_1210 Datasheet
1Mb / 86P
   K20 Sub-Family
K10P100M100SF2V2 FREESCALE-K10P100M100SF2V2 Datasheet
1Mb / 69P
   K10 Sub-Family
K20P48M50SF0 FREESCALE-K20P48M50SF0 Datasheet
1Mb / 60P
   K20 Sub-Family
K20P81M100SF2V2 FREESCALE-K20P81M100SF2V2 Datasheet
1Mb / 71P
   K20 Sub-Family
K30P81M100SF2V2 FREESCALE-K30P81M100SF2V2 Datasheet
1Mb / 66P
   K30 Sub-Family
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
   K40 Sub-Family
K51P64M72SF1 FREESCALE-K51P64M72SF1 Datasheet
1Mb / 74P
   K51 Sub-Family
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 76P
   K60 Sub-Family
More results




NXP Semiconductors について


NXP Semiconductorsは、自動車、産業、通信、消費者市場など、さまざまなアプリケーション向けの幅広い半導体および統合サーキットを設計、開発、製造する公開された多国籍企業です。

同社は2006年に設立され、オランダのアインドホーフェンに本社を置いています。

NXPは、マイクロコントローラー、マイクロプロセッサ、セキュア認証IC、電源管理ICS、RFおよびマイクロ波コンポーネント、センサーソリューションなど、製品の幅広いポートフォリオを提供します。

同社の製品は、エネルギー効率が高く、安全で、信頼性が高いように設計されており、自動車システム、産業用自動化と制御、スマートホームと建物、接続されたデバイスなど、さまざまなアプリケーションで使用されています。

NXPはイノベーションと顧客満足度に専念しており、ニーズを満たすために顧客に最適な半導体ソリューションを提供することに取り組んでいます。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com