メーカー | 部品番号 | データシート | 部品情報 |
PHOENIX CONTACT |
ST-REL3-KG230
|
78Kb / 4P |
Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL2-KG230AC
|
80Kb / 4P |
Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL2-KG220DC
|
77Kb / 4P |
Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-HW24
|
77Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL4-HW24
|
87Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL7-HW24
|
69Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-SG24
|
77Kb / 4P |
Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-HW230
|
77Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-HW42
|
78Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL7-HG24
|
104Kb / 5P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
|