メーカー | 部品番号 | データシート | 部品情報 |
PHOENIX CONTACT |
ST-OV2-230AC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 230 V AC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV3-12DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 12 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks
|
ST-OV3-110DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks
|
ST-OV3-60DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks
|
ST-OV2-12DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 12 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV2-120AC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV2-220DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV2-60DC
|
93Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV2-5DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV3-120AC
|
103Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 15 - 220 V DC/max. 1 A, can be plugged into basic terminal blocks
|