メーカー | 部品番号 | データシート | 部品情報 |
 PHOENIX CONTACT |
CRIMPFOX-LC-UR-2
|
51Kb / 2P |
Crimp insert for tube lugs, 0.75 - 2.5 mm짼
|
CRIMPFOX-RCT-70-1
|
48Kb / 3P |
Crimping pliers, for uninsulated tube lugs, 10 - 70 mm짼, indent crimp
|
CRIMPFOX-LC-INC-6
|
89Kb / 3P |
Crimp insert for insulated cable lugs and connectors, with locator, 0.5 -6.0 mm짼
|
CRIMPFOX-LC-AI-50
|
92Kb / 3P |
Crimp insert, for ferrules, 35, 50 mm짼
|
CRIMPFOX-LC-AI-6
|
50Kb / 2P |
Crimp insert, for ferrules, 0.25, - 6.0 mm짼
|
CRIMPFOX-RC-6-M
|
48Kb / 2P |
Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
|
CRIMPFOX-RC-6
|
48Kb / 2P |
Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
|
CRIMPFOX-LC-AI-25
|
92Kb / 3P |
Crimp insert, for ferrules, application area: 10 - 25 mm짼, square crimp form
|
CF-500COV-RCT-2
|
42Kb / 2P |
Protective cover for crimping machine CF 500, for tube lugs 0.34 - 2.5 mm짼 (RCT 2.5)
|
 HARTING Technology Grou... |
09-33-000-6207
|
462Kb / 2P |
Han E F Crimp Contact Ag 4.0 mm짼/ 12 AWG
|