メーカー | 部品番号 | データシート | 部品情報 |
Littelfuse |
156.5611.5301
|
148Kb / 1P |
Fuse Strips with housing for rated voltage up to 80V
|
178.4265.0002
|
1Mb / 3P |
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716 |
FUSESTRIPS177
|
161Kb / 1P |
FUSE STRIPS 177 80V HIGH-AMP BOLT-DOWN STRIP FUSE HOLDER
2021 |
FUSESTRIPS48V
|
534Kb / 1P |
FUSE STRIPS RATED 48V - SPECIAL PURPOSE FUSES
|
157.5700.5351
|
54Kb / 1P |
Fuse strips for batterie-powered vehicles for rated voltage up to 80 V
|
177.5702.0001
|
108Kb / 1P |
Fuse base for fuse stips up to 80 V
|
177.5701.0001
|
102Kb / 1P |
Fuse base for fuse stips up to 80 V
|
157.5701.5351
|
92Kb / 1P |
Fuse strips with housing for batterie- powered vehicles for rated voltage up to 80 V
|
178-4265-0002
|
1Mb / 3P |
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
|
27651050002
|
100Kb / 1P |
ATS In-line Fuse Holder for Torpedo Style Fuse Rated 36V
|