データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34181 データシート (PDF) - Motorola, Inc

MC34181 Datasheet PDF - Motorola, Inc
部品番号 MC34181
ダウンロード  MC34181 ダウンロード

ファイルサイズ   417.74 Kbytes
ページ   9 Pages
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
部品情報 LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS

MC34181 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC34181 Datasheet PDF - Motorola, Inc

部品番号 MC34181
ダウンロード  MC34181 Click to download

ファイルサイズ   417.74 Kbytes
ページ   9 Pages
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
部品情報 LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS

MC34181 データシート (HTML) - Motorola, Inc

MC34181 Datasheet HTML 1Page - Motorola, Inc MC34181 Datasheet HTML 2Page - Motorola, Inc MC34181 Datasheet HTML 3Page - Motorola, Inc MC34181 Datasheet HTML 4Page - Motorola, Inc MC34181 Datasheet HTML 5Page - Motorola, Inc MC34181 Datasheet HTML 6Page - Motorola, Inc MC34181 Datasheet HTML 7Page - Motorola, Inc MC34181 Datasheet HTML 8Page - Motorola, Inc MC34181 Datasheet HTML 9Page - Motorola, Inc

MC34181 製品詳細

Quality bipolar fabrication with innovative design concepts are employed for the MC33181/2/4, MC34181/2/4 series of monolithic operational amplifiers. This JFET input series of operational amplifiers operates at 210 µA per amplifier and offers 4.0 MHz of gain bandwidth product and 10 V/µs slew rate. Precision matching and an innovative trim technique of the single and dual versions provide low input offset voltages. With a JFET input stage, this series exhibits high input resistance, low input offset voltage and high gain. The all NPN output stage, characterized by no deadband crossover distortion and large output voltage swing, provides high capacitance drive capability, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source/sink AC frequency response.

• Low Supply Current: 210 µA (Per Amplifier)
• Wide Supply Operating Range: ±1.5 V to ±18 V
• Wide Bandwidth: 4.0 MHz
• High Slew Rate: 10 V/µs
• Low Input Offset Voltage: 2.0 mV
• Large Output Voltage Swing: –14 V to +14 V (with ±15 V Supplies)
• Large Capacitance Drive Capability: 0 pF to 500 pF
• Low Total Harmonic Distortion: 0.04%
• Excellent Phase Margin: 67°
• Excellent Gain Margin: 6.7 dB
• Output Short Circuit Protection
• Offered in New TSSOP Package Including the Standard SOIC and DIP Packages




同様の部品番号 - MC34181

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34181 ONSEMI-MC34181 Datasheet
235Kb / 12P
   Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
REV 1
MC34181D ONSEMI-MC34181D Datasheet
235Kb / 12P
   Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
REV 1
MC34181P ONSEMI-MC34181P Datasheet
235Kb / 12P
   Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
REV 1
More results


同様の説明 - MC34181

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results




Motorola, Inc について


Motorola、Inc。は、1928年に設立されたアメリカの多国籍電気通信会社でした。イリノイ州シャンバーグに本社を置き、携帯電話、通信機器、半導体の最大のプロバイダーの1つでした。その歴史を通じて、モトローラは、世界初の市販の携帯電話であるDynatac、および世界初の双方向のページャーであるThe PageBoyの開発など、通信の分野での革新で知られていました。

2011年、MotorolaはMotorola MobilityとMotorola Solutionsの2つの別個の企業に分かれました。 Motorola Mobilityは後に2012年にGoogleに買収され、現在はLenovoの子会社です。 Motorola Solutionsは、公安と商業および産業コミュニケーションソリューションに焦点を当てています。同社は、双方向ラジオ、モバイルコンピューティングデバイス、ネットワークインフラストラクチャ機器など、幅広い製品を提供しています。

Motorolaは携帯電話業界の先駆者の1人であり、革新と技術の進歩の豊かな歴史を持っています。同社の遺産は子会社を通じて継続され、その技術と製品は引き続き世界中で使用されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com