データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2750824 データシート (PDF) - PHOENIX CONTACT

2750824 Datasheet PDF - PHOENIX CONTACT
部品番号 2750824
ダウンロード  2750824 ダウンロード

ファイルサイズ   180.99 Kbytes
ページ   6 Pages
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
部品情報 INTERBUS-ST digital output module, 32 outputs, 24 V DC, 500 mA, 2- wire connection method, IP20 protection, consisting of: Terminal part with screw connection and module electronics

2750824 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
2750824 Datasheet PDF - PHOENIX CONTACT

部品番号 2750824
ダウンロード  2750824 Click to download

ファイルサイズ   180.99 Kbytes
ページ   6 Pages
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
部品情報 INTERBUS-ST digital output module, 32 outputs, 24 V DC, 500 mA, 2- wire connection method, IP20 protection, consisting of: Terminal part with screw connection and module electronics

2750824 データシート (HTML) - PHOENIX CONTACT

2750824 Datasheet HTML 1Page - PHOENIX CONTACT 2750824 Datasheet HTML 2Page - PHOENIX CONTACT 2750824 Datasheet HTML 3Page - PHOENIX CONTACT 2750824 Datasheet HTML 4Page - PHOENIX CONTACT 2750824 Datasheet HTML 5Page - PHOENIX CONTACT 2750824 Datasheet HTML 6Page - PHOENIX CONTACT



同様の部品番号 - 2750824

メーカー部品番号データシート部品情報
logo
KR Electronics, Inc.
2750 KR-2750 Datasheet
50Kb / 2P
   Lowpass Filter
logo
Pentair plc. All rights...
2750 PENTAIR-2750 Datasheet
885Kb / 2P
   IDEAL FOR RESIDENTIAL OR COMMERCIAL FILTER AND SOFTENER APPLICATIONS
logo
KR Electronics, Inc.
2750-SMA KR-2750-SMA Datasheet
110Kb / 3P
   KR Electronics part number 2750-SMA is a 165 MHz lowpass filter.
logo
Alpha Wire
275001801 ALPHAWIRE-275001801 Datasheet
98Kb / 4P
   Customer Specification
1/19/2023
275001802 ALPHAWIRE-275001802 Datasheet
82Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
2/1/2019
More results


同様の説明 - 2750824

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
2754914 PHOENIX-2754914 Datasheet
177Kb / 6P
   INTERBUS-ST digital output module, 16 outputs, 24 V DC, 500 mA, 3-wire connection method, IP20 protection, consisting of: Terminal part with screw connection and module electronics
2750633 PHOENIX-2750633 Datasheet
108Kb / 5P
   INTERBUS-ST digital output module, 32 outputs, 24 V DC, 500 mA, 2-wire connection method, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
2754927 PHOENIX-2754927 Datasheet
213Kb / 6P
   INTERBUS-ST digital input module, 32 inputs, 24 V DC, 2-wire connection method, IP20 protection, consisting of: Terminal part with screw connection and module electronics
2750646 PHOENIX-2750646 Datasheet
121Kb / 6P
   INTERBUS-ST digital output module, 16 outputs, 24 V DC, 500 mA, 3-wire connection method, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
2754338 PHOENIX-2754338 Datasheet
155Kb / 5P
   INTERBUS-ST digital input module, 16 inputs, 24 V DC, 4-wire connection method, IP20 protection, consisting of: Terminal part with screw connection and module electronics
2750675 PHOENIX-2750675 Datasheet
158Kb / 6P
   INTERBUS-ST digital input module, 32 inputs, 24 V DC, 2-wire connection method, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
2754891 PHOENIX-2754891 Datasheet
168Kb / 5P
   INTERBUS-ST digital output module, 8 outputs, 24 V DC, 2 A, 3-wire connection method, IP20 protection, comprising: terminal part with screw connection and electronics module
2754309 PHOENIX-2754309 Datasheet
144Kb / 5P
   INTERBUS-ST analog input module, 4 inputs, 0 - 20 mA, 0 - 10 V, IP20 protection, consisting of: Terminal part with screw connection and module electronics
2688051 PHOENIX-2688051 Datasheet
243Kb / 14P
   Axioline F digital output module, 32 outputs, 24 V DC, 500 mA, 1-wire connection method
2750594 PHOENIX-2750594 Datasheet
94Kb / 5P
   INTERBUS-ST analog input module, 4 inputs, 4 - 20 mA, 0 - 10 V, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com