データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MVSMCJLCE30A データシート (PDF) - Microsemi Corporation

MVSMCJLCE30A Datasheet PDF - Microsemi Corporation
部品番号 MVSMCJLCE30A
ダウンロード  MVSMCJLCE30A ダウンロード

ファイルサイズ   241.7 Kbytes
ページ   4 Pages
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
部品情報 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

MVSMCJLCE30A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MVSMCJLCE30A Datasheet PDF - Microsemi Corporation

部品番号 MVSMCJLCE30A
ダウンロード  MVSMCJLCE30A Click to download

ファイルサイズ   241.7 Kbytes
ページ   4 Pages
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
部品情報 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

MVSMCJLCE30A データシート (HTML) - Microsemi Corporation

MVSMCJLCE30A Datasheet HTML 1Page - Microsemi Corporation MVSMCJLCE30A Datasheet HTML 2Page - Microsemi Corporation MVSMCJLCE30A Datasheet HTML 3Page - Microsemi Corporation MVSMCJLCE30A Datasheet HTML 4Page - Microsemi Corporation

MVSMCJLCE30A 製品詳細

DESCRIPTION

This surface mount TransientVoltage Suppressor (TVS) product family includes a rectifier diode element in series and opposite direction to achieve low capacitance below 100 pF. They are also available as RoHS Compliant with an e3 suffix. The low TVS capacitance may be used for protecting higher frequency applications in inductive switching environments or electrical systems involving secondary lightning effects per IEC61000-4-5 as well as RTCA/DO-160D or ARINC 429 for airborne avionics.



FEATURES

• Available in standoff voltage range of 6.5 to 200 V

• Low capacitance of 100 pF or less

• Molding compound flammability rating: UL94V-O

• Two different terminations available in C-bend (modified J Bend with DO-214AB) or Gull-wing (DO-215AB)

• Options for screening in accordance with MIL-PRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers

• Optional 100% screening for avionics grade is available by adding MA prefix to part number for 100% temperature cycle –55ºC to 125ºC (10X) as well as surge (3X) and 24 hours HTRB with post test VBR& IR

• RoHS Compliant devices available by adding an “e3” suffix




同様の部品番号 - MVSMCJLCE30A

メーカー部品番号データシート部品情報
logo
MTRONPTI
MVS MTRONPTI-MVS Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
logo
MERITEK ELECTRONICS COR...
MVS MERITEK-MVS Datasheet
334Kb / 11P
   Metal Oxide Varistors Surface Mount
logo
Altech corporation
MVS-1510 ALTECH-MVS-1510 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MVS-1511 ALTECH-MVS-1511 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results


同様の説明 - MVSMCJLCE30A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results




Microsemi Corporation について


Microsemi Corporationは、半導体およびシステムソリューションの設計と製造に特化したアメリカの会社でした。
同社は1960年に設立され、カリフォルニア州アリソビエホに本社を置いていました。
Microsemiは、アナログおよび混合シグナル統合回路、フィールドプログラム可能なゲートアレイ(FPGA)、電力管理および制御製品、およびその他の半導体溶液など、幅広い製品を提供しました。
同社の製品は、防衛とセキュリティ、航空宇宙と航空、産業、通信などのさまざまなアプリケーションで使用されていました。
Microsemiは、半導体テクノロジーの専門知識と、高品質で信頼できる製品を顧客に提供する能力で知られていました。
2018年、Microsemiは、マイクロコントローラー、混合シグナル、アナログ、およびセキュリティ製品の大手プロバイダーであるMicrochip Technologyに買収されました。
Microsemiブランドはもはや使用されていませんが、そのテクノロジーと製品はMicrochipのポートフォリオの一部であり続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com