メーカー | 部品番号 | データシート | 部品情報 |
Molex Electronics Ltd. |
1202530379
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Embeddable, NPN, NC, 4-pin M12 Connector, 60mm Housing Length
02/24/2022 |
1202530237
|
37Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Non-embeddable, PNP, NC, 4-pin M12 Connector, 60mm Housing Length
|
1202530234
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Non-embeddable, NPN, NO, 4-pin M12 Connector, 60mm Housing Length
|
1202530387
|
37Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 8mm Operating Distance, Non-embeddable, NPN, NC, 4-pin M12 Connector, 60mm Housing Length
02/24/2022 |
1202530378
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Embeddable, NPN, NO, 4-pin M12 Connector, 60mm Housing Length
02/24/2022 |
1202530307
|
38Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Non-embeddable, NPN, NC, 4-pin M12 Connector, 45mm Housing Length
02/24/2022 |
1202530227
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 2mm Operating Distance, Embeddable, NPN, NC, 4-pin M12 Connector, 60mm Housing Length
|
1202530236
|
37Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Non-embeddable, PNP, NO, 4-pin M12 Connector, 60mm Housing Length
|
1202530431
|
38Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Embeddable, NPN, NC, 4-pin M12 Connector, 45mm Housing Length
02/24/2022 |
1202530389
|
24Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 8mm Operating Distance, Non-embeddable, PNP, NC, 4-pin M12 Connector, 60mm Housing Length
2/24/2022 |