メーカー | 部品番号 | データシート | 部品情報 |
Molex Electronics Ltd. |
1202530241
|
37Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 5mm Operating Distance, Embeddable, PNP, NC, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530391
|
39Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 8mm Operating Distance, Embeddable, NPN, NC, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022 |
1202530238
|
38Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 5mm Operating Distance, Embeddable, NPN, NO, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530247
|
38Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 8mm Operating Distance, Non-embeddable, NPN, NC, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530311
|
42Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 5mm Operating Distance, Embeddable, NPN, NC, 2m 3-wire PVC Cable, 35mm Housing Length
02/24/2022 |
1202530393
|
24Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 8mm Operating Distance, Embeddable, PNP, NC, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022 |
1202530240
|
38Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 5mm Operating Distance, Embeddable, PNP, NO, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530249
|
38Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 8mm Operating Distance, Non-embeddable, PNP, NC, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530313
|
40Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 5mm Operating Distance, Embeddable, PNP, NC, 2m 3-wire PVC Cable, 35mm Housing Length
02/24/2022 |
1202530390
|
39Kb / 1P |
Contrinex Inductive Sensor, M18 Housing, 8mm Operating Distance, Embeddable, NPN, NO, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022 |