データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0190270117 データシート (PDF) - Molex Electronics Ltd.

0190270117 Datasheet PDF - Molex Electronics Ltd.
部品番号 0190270117
ダウンロード  0190270117 ダウンロード

ファイルサイズ   38.92 Kbytes
ページ   2 Pages
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
部品情報 ATP Crimp Dies for VersaKrimp Ring Tongue Terminals, for Solid Copper or Steel Wire (Anti Rotation)

0190270117 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
0190270117 Datasheet PDF - Molex Electronics Ltd.

部品番号 0190270117
ダウンロード  0190270117 Click to download

ファイルサイズ   38.92 Kbytes
ページ   2 Pages
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
部品情報 ATP Crimp Dies for VersaKrimp Ring Tongue Terminals, for Solid Copper or Steel Wire (Anti Rotation)

0190270117 データシート (HTML) - Molex Electronics Ltd.

0190270117 Datasheet HTML 1Page - Molex Electronics Ltd. 0190270117 Datasheet HTML 2Page - Molex Electronics Ltd.

0190270117 製品詳細

General
Product Family Application Tooling
Series 207126
Comments The Crimp Tape Module 640162000 is a base unit
that will work like an applicator in a Molex TM-3000
638017200 , 638017300 industry standard crimp press
or the Molex TM-4000 638017600 industry standard
crimp press. The Crimp Tape Module will accept all
ATP-301 and ATP-201 style crimp dies. This Crimp
Tape Module will allow customers to process most of
Molex’s Mylar Tape product from 2 AWG uninsulated
and 4 AWG insulated products and up. The Crimp Tape
Module will NOT work in any other industry standard
crimp press or wire process machine. These ATP-301
style die sets can be used in the older style suitcase
presses.
Function Crimp
Geographic Area Global
Level of Automation Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name ETC
Tool Type Crimp Module
UPC 800753041189




同様の部品番号 - 0190270117

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190270111 MOLEX-0190270111 Datasheet
38Kb / 2P
   ATP Crimp Dies for VersaKrimp Copper Ring Tongue Terminals And Butt Splices on Tape, 8 AWG
11/02/2021
0190270112 MOLEX-0190270112 Datasheet
42Kb / 1P
   Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270113 MOLEX-0190270113 Datasheet
33Kb / 1P
   Conductor Punch (Upper) for ATP Press that Process Product on Tape
08/25/2022
0190270114 MOLEX-0190270114 Datasheet
43Kb / 1P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
02/10/2017
0190270118 MOLEX-0190270118 Datasheet
24Kb / 1P
   Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
More results


同様の説明 - 0190270117

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190270120 MOLEX-0190270120 Datasheet
38Kb / 2P
   ATP Crimp Dies for Versakrimp 8 AWG Ring Tongue Terminals, for Stripped Magnet or Steel 6 AWG Wire
01/25/2022
0190270111 MOLEX-0190270111 Datasheet
38Kb / 2P
   ATP Crimp Dies for VersaKrimp Copper Ring Tongue Terminals And Butt Splices on Tape, 8 AWG
11/02/2021
0190472000 MOLEX-0190472000 Datasheet
42Kb / 2P
   ATP Crimp Dies for VersaKrimp Copper Ring Tongue Terminals and Butt Splices on Tape, 8 AWG, use with Tape Crimp Module and ATP-201 Press
07/29/2021
0190270105 MOLEX-0190270105 Datasheet
39Kb / 2P
   ATP Crimp Dies for VersaKrimp High Temperature Nickel Plated Steel Terminals on Tape, 8 AWG
11/02/2021
0190476123 MOLEX-0190476123 Datasheet
37Kb / 1P
   ATP Crimp Dies for Krimptite Flag Ring Terminals, 10-12 AWG
08/26/2022
0191930171 MOLEX4-0191930171 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930159 MOLEX4-0191930159 Datasheet
86Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930275 MOLEX4-0191930275 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930186 MOLEX4-0191930186 Datasheet
94Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930243 MOLEX4-0191930243 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
More results




Molex Electronics Ltd. について


Molex Electronics Ltd.はKoch Industries、Inc。の子会社であり、電子および光ファイバー相互接続ソリューションのグローバルメーカーです。

同社は1938年に設立され、イリノイ州ライルに本社を置いています。

Molexは、コネクタ、ケーブルアセンブリ、スイッチ、その他のパッシブコンポーネントなど、幅広い相互接続製品を提供しています。

これらの製品は、自動車、データ通信、家電、産業機器、医療機器、通信など、さまざまな業界で使用されています。

Molexは、40か国以上の運営と施設を備えており、Interconnect Solutions市場でのイノベーションとテクノロジーのリーダーシップで知られています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com