データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G05DFT2 データシート (PDF) - E-Tech Electronics LTD

MC74VHC1G05DFT2 Datasheet PDF - E-Tech Electronics LTD
部品番号 MC74VHC1G05DFT2
ダウンロード  MC74VHC1G05DFT2 ダウンロード

ファイルサイズ   578.51 Kbytes
ページ   4 Pages
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
部品情報 Inverter with Open Drain Output

MC74VHC1G05DFT2 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC74VHC1G05DFT2 Datasheet PDF - E-Tech Electronics LTD

部品番号 MC74VHC1G05DFT2
ダウンロード  MC74VHC1G05DFT2 Click to download

ファイルサイズ   578.51 Kbytes
ページ   4 Pages
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
部品情報 Inverter with Open Drain Output

MC74VHC1G05DFT2 データシート (HTML) - E-Tech Electronics LTD

MC74VHC1G05DFT2 Datasheet HTML 1Page - E-Tech Electronics LTD MC74VHC1G05DFT2 Datasheet HTML 2Page - E-Tech Electronics LTD MC74VHC1G05DFT2 Datasheet HTML 3Page - E-Tech Electronics LTD MC74VHC1G05DFT2 Datasheet HTML 4Page - E-Tech Electronics LTD

MC74VHC1G05DFT2 製品詳細

Inverter with Open Drain Output

The MC74VHC1G05 is an advanced high speed CMOS inverter with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including an open drain output which provides the capability to set output switching level. This allows the MC74VHC1G05 to be used to interface 5 V circuits to circuits of any voltage between V CCand 7 V using an external resistor and power supply.

The MC74VHC1G05 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage.
• High Speed: t PD = 3.8 ns (Typ) at V CC = 5 V
• Low Internal Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FET = 105; Equivalent Gate = 26




同様の部品番号 - MC74VHC1G05DFT2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G05DFT2 ONSEMI-MC74VHC1G05DFT2 Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05DFT2G ONSEMI-MC74VHC1G05DFT2G Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05DFT2G ONSEMI-MC74VHC1G05DFT2G Datasheet
119Kb / 6P
   Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
MC74VHC1G05DFT2G ONSEMI-MC74VHC1G05DFT2G Datasheet
205Kb / 14P
   Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
MC74VHC1G05DFT2G ONSEMI-MC74VHC1G05DFT2G Datasheet
136Kb / 14P
   Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
More results


同様の説明 - MC74VHC1G05DFT2

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
logo
Unisonic Technologies
U74AHC1G06 UTC-U74AHC1G06 Datasheet
145Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74LVC1G06-Q100 NEXPERIA-74LVC1G06-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com