データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W25Q128JW データシート (PDF) - Winbond

W25Q128JW Datasheet PDF - Winbond
部品番号 W25Q128JW
ダウンロード  W25Q128JW ダウンロード
ファイルサイズ   2380.99 Kbytes
ページ   79 Pages
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond
部品情報 1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI

W25Q128JW Datasheet (PDF)

Go To PDF Page ダウンロード データシート
W25Q128JW Datasheet PDF - Winbond

部品番号 W25Q128JW
ダウンロード  W25Q128JW Click to download

ファイルサイズ   2380.99 Kbytes
ページ   79 Pages
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond
部品情報 1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI

W25Q128JW データシート (HTML) - Winbond


W25Q128JW 製品詳細

1. GENERAL DESCRIPTIONS
The W25Q128JW (128M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The device operates on a single W25Q128JW power supply with current consumption as low as 1mA active and 1μA for power-down. All devices are offered in space-saving packages.
The W25Q128JW array is organized into 65,536 programmable pages of 256-bytes each. Up to 256 bytes can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128 (32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q128JW has 4,096 erasable sectors and 256 erasable blocks respectively. The small 4KB sectors allow for greater flexibility in applications that require data and parameter storage. (See Figure 2)
The W25Q128JW supports the standard Serial Peripheral Interface (SPI), and a high performance Dual/Quad output as well as Dual/Quad I/O SPI: Serial Clock, Chip Select, Serial Data I/O0 (DI), I/O1 (DO), I/O2, and I/O3. SPI clock frequencies of up to 133MHz are supported allowing equivalent clock rates of 532MHz (133MHz x 4) for Quad I/O when using the SPI Fast Read Quad I/O instructions. These transfer rates can outperform standard Asynchronous 8 and 16-bit Parallel Flash memories.

2. FEATURES
▶ New Family of SpiFlash Memories
– W25Q128JW: 128M-bit / 16M-byte
– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
– Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
– Software & Hardware Reset (1)
▶ Highest Performance Serial Flash
– 133MHz Quad I/O SPI clocks
– 532MHz equivalent Quad SPI
– 66MB/S continuous data transfer rate
– Min. 100K Program-Erase cycles
– More than 20-year data retention
▶ Low Power, Wide Temperature Range
– Vcc:1.7~1.95V,-40~85℃
– -40°C to +105°C operating range(2)
– 1mA active current,<1μA Power-down (typ.)
▶ Flexible Architecture with 4KB sectors
– Uniform Sector/Block Erase (4K/32K/64K-Byte)
– Program 1 to 256 byte per programmable page
– Erase/Program Suspend & Resume
▶ Advanced Security Features
– Software and Hardware Write-Protect
– Special OTP protection
– Top/Bottom, Complement array protection
– Individual Block/Sector array protection
– 64-Bit Unique ID for each device
– Discoverable Parameters (SFDP) Register
– 3X256-Bytes Security Registers with OTP locks
– Volatile & Non-volatile Status Register Bits
▶ Space Efficient Packaging
– 8-pin SOIC 208-mil
– 8-pad WSON 6x5-mm / 8x6-mm
– 16-pin SOIC 300-mil (additional /RESET pin)
– 24-ball TFBGA 8x6-mm(additional /RESET pin)
– 21-ball WLCSP
– Contact Winbond for KGD and other options




同様の部品番号 - W25Q128JW

メーカー部品番号データシート部品情報
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
W25Q128JVBIQ WINBOND-W25Q128JVBIQ Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
W25Q128JVBJQ WINBOND-W25Q128JVBJQ Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
W25Q128JVCIQ WINBOND-W25Q128JVCIQ Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
W25Q128JVCJQ WINBOND-W25Q128JVCJQ Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
More results


同様の説明 - W25Q128JW

メーカー部品番号データシート部品情報
logo
Winbond
W25Q20BW WINBOND-W25Q20BW Datasheet
2Mb / 70P
1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FVSIG WINBOND-W25Q128FVSIG_13 Datasheet
1Mb / 97P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128BV WINBOND-W25Q128BV_13 Datasheet
1Mb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q80BWSSIG-TR WINBOND-W25Q80BWSSIG-TR Datasheet
1Mb / 75P
1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
W25Q256JW WINBOND-W25Q256JW Datasheet
2Mb / 95P
1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com