データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1361A-117BGC データシート (PDF) - Cypress Semiconductor

CY7C1361A-117BGC Datasheet PDF - Cypress Semiconductor
部品番号 CY7C1361A-117BGC
ダウンロード  CY7C1361A-117BGC ダウンロード

ファイルサイズ   818.24 Kbytes
ページ   26 Pages
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
部品情報 256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM

CY7C1361A-117BGC Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CY7C1361A-117BGC Datasheet PDF - Cypress Semiconductor

部品番号 CY7C1361A-117BGC
ダウンロード  CY7C1361A-117BGC Click to download

ファイルサイズ   818.24 Kbytes
ページ   26 Pages
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
部品情報 256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM

CY7C1361A-117BGC データシート (HTML) - Cypress Semiconductor

Back Button CY7C1361A-117BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1361A-117BGC Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C1361A-117BGC 製品詳細

Functional Description
The Cypress Synchronous Burst SRAM family employs high-speed, low-power CMOS designs using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high-valued resistors.

Features
• Fast access times: 6.0, 6.5, 7.0, and 8.0ns
• Fast clock speed: 150, 133, 117, and 100MHz
• Fast OE access times: 3.5 ns and 4.0 ns
• Optimal for depth expansion (one cycle chip deselect to eliminate bus contention)
• 3.3V –5% and +10% power supply
• 3.3V or 2.5V I/O supply
• 5V tolerant inputs except I/Os
• Clamp diodes to VSS at all inputs and outputs
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Multiple chip enables for depth expansion: A package version and two chip enables for BG and AJ package versions
• Address pipeline capability
• Address, data, and control registers
• Internally self-timed Write cycle
• Burst control pins (interleaved or linear burst sequence)
• Automatic power-down feature available using ZZ mode or CE deselect.
• JTAG boundary scan for BG and AJ package version
• Low-profile 119-bump 14-mm × 22-mm PBGA (Ball Grid Array) and 100-pin TQFP packages




同様の部品番号 - CY7C1361A-117BGC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AC CYPRESS-CY7C1361B-100AC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AI CYPRESS-CY7C1361B-100AI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AJC CYPRESS-CY7C1361B-100AJC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361B-100AJI CYPRESS-CY7C1361B-100AJI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


同様の説明 - CY7C1361A-117BGC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results




Cypress Semiconductor について


Cypress Semiconductorは、高性能デジタルおよびアナログ統合回路(ICS)の設計と製造を専門とするアメリカの企業です。
同社は1982年に設立され、米国カリフォルニア州サンノゼに本社を置いています。
Cypressは、マイクロコントローラー、メモリ製品、ワイヤレス接続ソリューション、その他のデジタルおよびアナログICを含む幅広い製品を提供しています。
同社の製品は、家電、自動車システム、産業システムなどのさまざまなアプリケーションで使用されています。
サイプレスは、埋め込まれたシステムの分野におけるシグナルとプログラム可能なシステムオンチップ(PSOC)テクノロジー、高品質の製品、イノベーションの専門知識で知られています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com