データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C1362A-150AJC データシート (PDF) - Cypress Semiconductor

CY7C1362A-150AJC Datasheet PDF - Cypress Semiconductor
部品番号 CY7C1362A-150AJC
ダウンロード  CY7C1362A-150AJC ダウンロード

ファイルサイズ   558.86 Kbytes
ページ   28 Pages
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
部品情報 256K x 36/512K x 18 Synchronous Pipelined Burst SRAM

CY7C1362A-150AJC Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CY7C1362A-150AJC Datasheet PDF - Cypress Semiconductor

部品番号 CY7C1362A-150AJC
ダウンロード  CY7C1362A-150AJC Click to download

ファイルサイズ   558.86 Kbytes
ページ   28 Pages
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
部品情報 256K x 36/512K x 18 Synchronous Pipelined Burst SRAM

CY7C1362A-150AJC データシート (HTML) - Cypress Semiconductor

Back Button CY7C1362A-150AJC Datasheet HTML 1Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 2Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 3Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 4Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 5Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 6Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 7Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 8Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 9Page - Cypress Semiconductor CY7C1362A-150AJC Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C1362A-150AJC 製品詳細

Functional Description

The Cypress Synchronous Burst SRAM family employs high-speed, low-power CMOS designs using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high-valued resistors. The CY7C1360A and CY7C1362A SRAMs integrate 262,144 ×36 and 524,288×18 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining Chip Enable (CE), depth-expansion Chip Enables (CE2and CE3), burst control inputs (ADSC, ADSP, and ADV), Write Enables (BWa, BWb, BWc, BWd, and BWE), and global Write (GW). However, the CE3chip enable input is only available for the TA package version.



Features

• Fast access times: 2.5 ns, 3.0 ns, and 3.5 ns

• Fast clock speed: 225, 200, 166, and 150 MHz

• Fast OEaccess times: 2.5 ns, 3.0 ns, and 3.5 ns

• Optimal for depth expansion (one cycle chip deselect to eliminate bus contention)

• 3.3V –5% and +10% power supply

• 3.3V or 2.5V I/O supply

• 5V-tolerant inputs except I/Os

• Clamp diodes to VSSat all inputs and outputs

• Common data inputs and data outputs

• Byte Write Enable and Global Write control

• Multiple chip enables for depth expansion: three chip enables for A package version and two chip enables for BG and AJ package versions

• Address pipeline capability

• Address, data, and control registers

• Internally self-timed Write Cycle

• Burst control pins (interleaved or linear burst sequence)

• Automatic power-down feature available using ZZ mode or CE deselect

• JTAG boundary scan for BG and AJ package version

• Low-profile 119-bump, 14-mm × 22-mm PBGA (Ball Grid Array) and 100-pin TQFP packages




同様の部品番号 - CY7C1362A-150AJC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1362B CYPRESS-CY7C1362B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AC CYPRESS-CY7C1362B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AI CYPRESS-CY7C1362B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJC CYPRESS-CY7C1362B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJI CYPRESS-CY7C1362B-166AJI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results


同様の説明 - CY7C1362A-150AJC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results




Cypress Semiconductor について


Cypress Semiconductorは、高性能デジタルおよびアナログ統合回路(ICS)の設計と製造を専門とするアメリカの企業です。
同社は1982年に設立され、米国カリフォルニア州サンノゼに本社を置いています。
Cypressは、マイクロコントローラー、メモリ製品、ワイヤレス接続ソリューション、その他のデジタルおよびアナログICを含む幅広い製品を提供しています。
同社の製品は、家電、自動車システム、産業システムなどのさまざまなアプリケーションで使用されています。
サイプレスは、埋め込まれたシステムの分野におけるシグナルとプログラム可能なシステムオンチップ(PSOC)テクノロジー、高品質の製品、イノベーションの専門知識で知られています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com