データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1600218857A データシート (PDF) - ABB

1600218857A Datasheet PDF - ABB
部品番号 1600218857A
ダウンロード  1600218857A ダウンロード

ファイルサイズ   6948.13 Kbytes
ページ   37 Pages
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB
部品情報 MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module

1600218857A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
1600218857A Datasheet PDF - ABB

部品番号 1600218857A
ダウンロード  1600218857A Click to download

ファイルサイズ   6948.13 Kbytes
ページ   37 Pages
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB
部品情報 MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module

1600218857A データシート (HTML) - ABB

Back Button 1600218857A Datasheet HTML 1Page - ABB 1600218857A Datasheet HTML 2Page - ABB 1600218857A Datasheet HTML 3Page - ABB 1600218857A Datasheet HTML 4Page - ABB 1600218857A Datasheet HTML 5Page - ABB 1600218857A Datasheet HTML 6Page - ABB 1600218857A Datasheet HTML 7Page - ABB 1600218857A Datasheet HTML 8Page - ABB 1600218857A Datasheet HTML 9Page - ABB 1600218857A Datasheet HTML 10Page - ABB Next Button 

1600218857A 製品詳細

The MLX040A0XY3 Digital DLynxIIITM power
module is a non-isolated dc-dc converter that can
deliver up to 40A of output current. It operates
over a wide input voltage range from 7.0VDC to
14VDC and provides precisely regulated output
voltage programmable from 0.45VDC to 2.0VDC via
PMBusTM. The module employs an advanced PID
based adjustable digital control loop which
ensures loop stability, provides fast transient
response and reduces amount of required output
capacitance. Up to 160A of additional satellite
based phase modules can be connected in parallel
to form a second stand-alone bus. Main features
include: digital PMBusTM interface, programmable
enable logic and control, cycle-by-cycle output
current monitoring, input and output undervoltage
and over-voltage protections, undertemperature
and over-temperature protections
and more. The module has an extensive set of
PMBusTM commands for both control and
monitoring of the system parameters. The
MLX040A0XY3 power module is highly
configurable, and yet easy to use.

Features
· Compliant to RoHS II EU Directive 2011/65/EC and
amended Directive (EU) 2015/863
· Compliant to IPC-9592 (Sept. 2008), Category 2, Class TBD
· Compliant to REACH Directive (EC) No 1907/2006
· Compatible with a Pb-free or SnPn reflow soldering
process
· Wide Input voltage range: 7.0VDC-14VDC
· Output voltage programable from 0.45VDC to 2.0V via
PMBus™
· Delivers up to 40 ADC output current
· Supports Voltage Rails requiring 3% tolerance
· Operation of up to 4 Satellite phases in parallel(160A) as a
common or separate bus.
· PID control and multi-phase operation provides fast
transient response, reduced output capacitance, and stability.
· Tightly regulated output voltage
· Low output ripple and noise
· Fixed switching frequency
· Small size: 12.9 mm x 16.79 mm x 11.05 mm
0.507 in x 0.661 in x 0.435 in
· Digital interface compliant to PMBus™ Rev.1.3 protocol
· Programmable enable logic with On/Off Control.
· Protections: OVP, UVP, OCP, OTP
· Cycle-by-cycle output current monitoring and protection
· Over temperature protection
· Wide operating temperature range -40°C to 85°C
· Excellent Thermal Performance – Module delivers full
output @12VIN, 1VOUT, 70°C ambient and 200 LFM (1m/s)
airflow
· Power Stages are Interleaved to reduce input and output
ripple (when used with Satellite Modules)
· UL* 62368-1, 3rd Ed. Recognized, and VDE (EN62368-1 3rd
Ed.) Licensed
· ISO** 9001 and ISO14001 certified manufacturing facilities

Applications
· High performance ASIC with dual power rails
· Networking processor power (Broadcom,
Cavium, Marvell, NXP)
· High current FPGA power (Xilinx, Intel)
· High performance ARM processor power
· Telecommunications and networking equipment
· Servers and storage applications
· Test and Measurement equipment
· Industrial equipment




同様の部品番号 - 1600218857A

メーカー部品番号データシート部品情報
logo
ABB
1600218857A ABB-1600218857A Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
1600218857A ABB-1600218857A Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
1600218857A ABB-1600218857A Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
1600218857A ABB-1600218857A Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
1600218857A ABB-1600218857A Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
More results


同様の説明 - 1600218857A

メーカー部品番号データシート部品情報
logo
ABB
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
logo
Astec America, Inc
APC08 ASTEC-APC08_04 Datasheet
2Mb / 23P
   Non-Isolated DC/DC Power Module
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results




ABB について


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com