データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSNP481 データシート (PDF) - Honeywell Solid State Electronics Center

CSNP481 Datasheet PDF - Honeywell Solid State Electronics Center
部品番号 CSNP481
ダウンロード  CSNP481 ダウンロード

ファイルサイズ   712.58 Kbytes
ページ   9 Pages
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
部品情報 Solid State Sensors Closed Loop Current Sensors

CSNP481 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CSNP481 Datasheet PDF - Honeywell Solid State Electronics Center

部品番号 CSNP481
ダウンロード  CSNP481 Click to download

ファイルサイズ   712.58 Kbytes
ページ   9 Pages
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
部品情報 Solid State Sensors Closed Loop Current Sensors

CSNP481 データシート (HTML) - Honeywell Solid State Electronics Center

CSNP481 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CSNP481 Datasheet HTML 9Page - Honeywell Solid State Electronics Center

CSNP481 製品詳細

DESCRIPTION

These new industrial current sensors extend Honeywell’s closed loop current sensing capability. They offer increased current measuring capability up to 1000Aover an extended temperature range of -40°C to +85°C and are available with different terminal options.

The sensors are closed loop devices based on the principle of the hall effect and null balance method. The output from the current sensor is the balancing current which is a perfect image of the primary current reduced by the number of secondary turns at any time. This current can be expressed as a voltage by passing it through a resistor.



FEATURES

• Current sensing up to 1000A

• Measures DC, AC and impulse currents

• Very fast response

• High overload capability

• Extended temperature range -40°C to +85°C

• Different termination styles

• Optional conformal coating



BENEFITS

• Increased measuring range in compact package

• No restriction on input current waveform

• Output signal accurately tracks changes in input signal

• Sensor integrity unaffected

• Improved reliability

• Flexibility of connection style

• Provides additional protection to the sensors



TYPICAL APPLICATIONS

• Variable speed drives

• Overcurrent protection

• Power supplies

• Feedback control systems

• Robotics

• Welding equipment



 




同様の部品番号 - CSNP481

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
CSN032D FRONTIER-CSN032D Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN032D-100M FRONTIER-CSN032D-100M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN032D-120M FRONTIER-CSN032D-120M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN032D-150M FRONTIER-CSN032D-150M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN032D-180M FRONTIER-CSN032D-180M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


同様の説明 - CSNP481

メーカー部品番号データシート部品情報
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA110 CLARE-LDA110 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA111 CLARE-LDA111 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA101 CLARE-LDA101 Datasheet
68Kb / 5P
   Solid State Current Sensors
LDA210 CLARE-LDA210 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA201 CLARE-LDA201 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA200 CLARE-LDA200 Datasheet
70Kb / 5P
   Solid State Current Sensors
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
   Open Loop Current Sensors
10/22
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
More results




Honeywell Solid State Electronics Center について


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com