データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSC-6535736024-1515-SR1 データシート (PDF) - Eravant

SSC-6535736024-1515-SR1 Datasheet PDF - Eravant
部品番号 SSC-6535736024-1515-SR1
ダウンロード  SSC-6535736024-1515-SR1 ダウンロード

ファイルサイズ   270.42 Kbytes
ページ   4 Pages
メーカー  ERAVANT [Eravant]
ホームページ  https://www.eravant.com/
Logo ERAVANT - Eravant
部品情報 V-Band Transceiver, RX 64 to 66 GHz, and TX 56 to 58 GHz

SSC-6535736024-1515-SR1 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SSC-6535736024-1515-SR1 Datasheet PDF - Eravant

部品番号 SSC-6535736024-1515-SR1
ダウンロード  SSC-6535736024-1515-SR1 Click to download

ファイルサイズ   270.42 Kbytes
ページ   4 Pages
メーカー  ERAVANT [Eravant]
ホームページ  https://www.eravant.com/
Logo ERAVANT - Eravant
部品情報 V-Band Transceiver, RX 64 to 66 GHz, and TX 56 to 58 GHz

SSC-6535736024-1515-SR1 データシート (HTML) - Eravant


SSC-6535736024-1515-SR1 製品詳細

Description:
Model SSC-6535736024-1515-SR1 is a V Band transceiver. The transceiver has a typical transmit output power of +24 dBm in the frequency range of 56 to 58 GHz with an IF input power of 0 dBm and frequency range of DC to 5 GHz. The receiver has a typical receiving linear conversion gain of 20 dB and noise figure of 5.0 dB in the frequency range of 64 to 66 GHz with a IF output frequency range of DC to 5 GHz. The receiver signal linear range is from -100 to -20 dBm. The required typical LO power and frequency range are +5 dBm, 10.83 GHz for the transmitter and 9.5 GHz for receiver channels respectively. The LO and IF ports are equipped with a female SMA connectors and the RF port is a WR-15 waveguide with a UG-385/U flange. Although the module is offered in a monostatic version via a frequency diplexer, bi-static version is available per request.
Features:
• Compact Size
• High Performance
• Low Cost
• Fully Integrated Module
Applications:
• V Band Communication Systems




同様の部品番号 - SSC-6535736024-1515-SR1

メーカー部品番号データシート部品情報
logo
Eravant
SSC-5736536024-1515-SR1 ERAVANT-SSC-5736536024-1515-SR1 Datasheet
271Kb / 4P
   V-Band Transceiver, RX 56 to 58 GHz, and TX 64 to 66 GHz
Rev 1.1
SSC-7337331202-1212-B1 ERAVANT-SSC-7337331202-1212-B1 Datasheet
384Kb / 3P
   E-Band Eight Channel FMCW Transceiver, 70 to 75 GHz
Rev. 1.0
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
   S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
logo
Eravant
SSC-7438437016-1212-SR1 ERAVANT-SSC-7438437016-1212-SR1 Datasheet
271Kb / 4P
   E-Band Transceiver, RX 71 to 76 GHz, and TX 81 to 86 GHz
Rev 1.1
SSC-7737731200-1212-C1 ERAVANT-SSC-7737731200-1212-C1 Datasheet
462Kb / 4P
   E-Band Transceiver
Rev. 1.0
More results


同様の説明 - SSC-6535736024-1515-SR1

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
AN376 INFINEON-AN376 Datasheet
2Mb / 33P
   Transceiver for V-Band Backhaul Applications from 57 to 64 GHz
Rev. 1.0 2014-06-15
logo
Texas Instruments
IWR6243 TI1-IWR6243 Datasheet
1Mb / 62P
[Old version datasheet]   IWR6243 Single-Chip 57- to 64-GHz FMCW Transceiver
REVISED NOVEMBER 2022
logo
Sony Corporation
CXM3000GA SONY-CXM3000GA Datasheet
19Kb / 1P
   Dual/Triple Band Rx/Tx, Transceiver Module
logo
Texas Instruments
TRF2436 TI-TRF2436_07 Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
TRF2436 TI-TRF2436 Datasheet
224Kb / 11P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
1Mb / 65P
   8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
logo
NXP Semiconductors
TEF810X NXP-TEF810X Datasheet
972Kb / 13P
   76 GHz to 81 GHz car RADAR transceiver
Rev. 1.0-10 May 2019
logo
AUREL S.p.A.
650201098G AUREL-650201098G Datasheet
114Kb / 1P
   COMPACT & BENDING FOR TX/RX 2.4 GHz SYSTEMS Compact and bending 2.4 GHz antenna
Page 1 of 1 - Rev. A/2011
logo
Analog Devices
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
   14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
   1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com