データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NS2582 データシート (PDF) - ShenZhen ChipSourceTek Technology Co.,Ltd.

NS2582 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.
部品番号 NS2582
ダウンロード  NS2582 ダウンロード
ファイルサイズ   3580.98 Kbytes
ページ   15 Pages
メーカー  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
ホームページ  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
部品情報 Synchronous Boost Dual-Cell Li-Ion Battery Charge Management IC

NS2582 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
NS2582 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.

部品番号 NS2582
ダウンロード  NS2582 Click to download

ファイルサイズ   3580.98 Kbytes
ページ   15 Pages
メーカー  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
ホームページ  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
部品情報 Synchronous Boost Dual-Cell Li-Ion Battery Charge Management IC

NS2582 データシート (HTML) - ShenZhen ChipSourceTek Technology Co.,Ltd.


NS2582 製品詳細

1 NS2582 Features:
 Maximum 2A output synchronous switching boost charger
 Boost efficiency can be as high as 90% or more
 Built-in battery short circuit/trickle/constant current/constant voltage mode
 ±0.5% battery constant voltage mode voltage accuracy
 Support LED charging status indication
 Support external adjustable charging current
 Support input adapter DPM function
 External EN enable shutdown function
 Battery constant voltage mode voltage 8.4V and 8.7V optional
 Thermal regulation and OTP temperature protection function
 Input voltage UVLO and OVP protection function
 Output overvoltage and short circuit protection
 Switching frequency: 1.2MHz, can support 1uH inductor
 Built-in NTC battery temperature detection and enable function
 Support normal operation of boost function in no battery mode
 ESSOP-10 and ETSSOP-14L packages




同様の部品番号 - NS2582

メーカー部品番号データシート部品情報
logo
ZIEHL industrie-elektro...
NS20 ZIEHL-NS20 Datasheet
330Kb / 1P
Level Monitor Type NS20 1 Level and MIN / MAX-Control
logo
List of Unclassifed Man...
NS2002BK ETC2-NS2002BK Datasheet
477Kb / 3P
Articulating Notebook Arm - Notebook/Laptop Computer Security & Stands
NS2020 ETC2-NS2020 Datasheet
40Kb / 1P
CONNECTORS FOR TUBE
logo
ON Semiconductor
NS2029M3 ONSEMI-NS2029M3 Datasheet
59Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
October, 2015 ??Rev. 5
NS2029M3T5G ONSEMI-NS2029M3T5G Datasheet
69Kb / 4P
PNP Silicon General Purpose Amplifier Transistor
May, 2007 - Rev. 0
More results


同様の説明 - NS2582

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
HM4045 HMSEMI-HM4045 Datasheet
2Mb / 14P
Synchronous boost dual-cell lithium battery charge management IC
logo
Texas Instruments
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Renesas Technology Corp
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
HYCON Technology Corpor...
HY2213 HYCON-HY2213 Datasheet
745Kb / 14P
1 Cell Li-ion/Polymer Battery Charge Balance IC
logo
Texas Instruments
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com