データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Y107325K4540T0L データシート (PDF) - Vishay Siliconix

Y107325K4540T0L Datasheet PDF - Vishay Siliconix
部品番号 Y107325K4540T0L
ダウンロード  Y107325K4540T0L ダウンロード

ファイルサイズ   103.98 Kbytes
ページ   4 Pages
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
部品情報 Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %

Y107325K4540T0L Datasheet (PDF)

Go To PDF Page ダウンロード データシート
Y107325K4540T0L Datasheet PDF - Vishay Siliconix

部品番号 Y107325K4540T0L
ダウンロード  Y107325K4540T0L Click to download

ファイルサイズ   103.98 Kbytes
ページ   4 Pages
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
部品情報 Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %

Y107325K4540T0L データシート (HTML) - Vishay Siliconix

Y107325K4540T0L Datasheet HTML 1Page - Vishay Siliconix Y107325K4540T0L Datasheet HTML 2Page - Vishay Siliconix Y107325K4540T0L Datasheet HTML 3Page - Vishay Siliconix Y107325K4540T0L Datasheet HTML 4Page - Vishay Siliconix

Y107325K4540T0L 製品詳細

Any value at any tolerance available with resistance range



The Z202 is a miniaturized version of the now famous Z201. It is made with a Bulk Metal® Z-Foil element so it retains all of the inherent performance of Z-Foil resistors.

The Z-Foil technology provides a significant reduction of the resistive component’s sensitivity to ambient temperature variations (TCR) and applied power changes (PCR). Designers can now guarantee a high degree of stability and accuracy in fixed-resistor applications using solutions based on Vishay’s revolutionary Z-Foil technology.



FEATURES

• Temperature coefficient of resistance (TCR):

   ± 0.05 ppm/°C typical (0 °C to + 60 °C);

   ± 0.2 ppm/°C typical (- 55 °C to + 125 °C,

   + 25 °C ref.)

• Tolerance: to ± 0.01 %

• Power coefficient of resistance (PCR) “ΔR due to self heating”: ± 5 ppm at rated rower

• Electrostatic discharge (ESD) above 25 000 V

• Resistance range: 5 Ω to 30 kΩ (for higher or lower values, please contact us)

• Power rating: 0.25 W at + 70 °C; 0.125 W at + 125 °C

• Load life stability: ± 0.01 % maximum ΔR at + 70 °C at Rated power for 2000 h

• Non inductive, non capacitive design

• Current noise: - 40 dB

• Thermal EMF: < 0.1 µV/°C

• Voltage coefficient: < 0.1 ppm/V

• Non inductive: < 0.08 µH

• Non hot spot design

• Maximum working voltage: 250 V

• Terminal finishes available: lead (Pb)-free

                                    tin/lead alloy

• Any value available within resistance range (e.g. 1K234)

• Prototype samples available from 48 h. For more information, please contact foil@vishay.com

• For better performances, please see Z201 datasheet



 




同様の部品番号 - Y107325K4540T0L

メーカー部品番号データシート部品情報
logo
Shenzhen Taychipst Elec...
Y10 TAYCHIPST-Y10 Datasheet
3Mb / 3P
   ZENER DIODES
Y100 TAYCHIPST-Y100 Datasheet
3Mb / 3P
   ZENER DIODES
logo
E-SWITCH
Y100000 E-SWITCH-Y100000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
Y100001 E-SWITCH-Y100001 Datasheet
158Kb / 1P
   RBW2BBLKBLKEF0
Y100001 E-SWITCH-Y100001 Datasheet
158Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


同様の説明 - Y107325K4540T0L

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
Revision: 28-Jun-07
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results




Vishay Siliconix について


Vishay Siliconixは、パッシブ電子コンポーネントのグローバルメーカーであるVishay Intertechnologyの子会社です。
Vishay Siliconixは、パワーMOSFET、IGBT、およびその他のパワー半導体の設計、製造、およびマーケティングを専門としています。
同社は1962年に設立され、カリフォルニア州サンタクララに本社を置いています。
Vishay Siliconixは、再生可能エネルギーシステム、産業機器、コンピューティングと通信、自動車電子機器など、さまざまなアプリケーション向けの電源ソリューションを提供しています。
同社の製品は、高効率、低消費電力、高い信頼性のために設計されており、高度な製造プロセスを使用して最先端の施設で製造されています。
イノベーションと顧客満足度に焦点を当てたVishay Siliconixは、ニーズを満たすために顧客に最良の電力管理ソリューションを提供することに取り組んでいます。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com