データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZRER52C6V2-HF データシート (PDF) - Comchip Technology

CZRER52C6V2-HF Datasheet PDF - Comchip Technology
部品番号 CZRER52C6V2-HF
ダウンロード  CZRER52C6V2-HF ダウンロード

ファイルサイズ   271.24 Kbytes
ページ   6 Pages
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
部品情報 SMD Zener Diode

CZRER52C6V2-HF Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CZRER52C6V2-HF Datasheet PDF - Comchip Technology

部品番号 CZRER52C6V2-HF
ダウンロード  CZRER52C6V2-HF Click to download

ファイルサイズ   271.24 Kbytes
ページ   6 Pages
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
部品情報 SMD Zener Diode

CZRER52C6V2-HF データシート (HTML) - Comchip Technology

CZRER52C6V2-HF Datasheet HTML 1Page - Comchip Technology CZRER52C6V2-HF Datasheet HTML 2Page - Comchip Technology CZRER52C6V2-HF Datasheet HTML 3Page - Comchip Technology CZRER52C6V2-HF Datasheet HTML 4Page - Comchip Technology CZRER52C6V2-HF Datasheet HTML 5Page - Comchip Technology CZRER52C6V2-HF Datasheet HTML 6Page - Comchip Technology

CZRER52C6V2-HF 製品詳細

Voltage 2 to 39 Volts
Power 150 mWatts
RoHS Device
Halogen free

Features
- 150mW Power Dissipation.
- High Voltages from 2 ~ 39 V.
- Designed for mounting on small surface.
- Extremely thin/leadless package.
- Pb free product.

Mechanical data
- Case: 0503/SOD-723F Standard package Molded plastic.
- Terminals: Gold plated, solderable per MIL-STD-750,method 2026.
- Polarity: Indicated by cathode band.
- Weight: 0.002 gram(approx.).




同様の部品番号 - CZRER52C6V2-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CZRER52C12 COMCHIP-CZRER52C12 Datasheet
162Kb / 6P
   SMD Zener Diode
CZRER52C2V2 COMCHIP-CZRER52C2V2 Datasheet
162Kb / 6P
   SMD Zener Diode
CZRER52C3V3 COMCHIP-CZRER52C3V3 Datasheet
162Kb / 6P
   SMD Zener Diode
CZRER52C3V6 COMCHIP-CZRER52C3V6 Datasheet
162Kb / 6P
   SMD Zener Diode
CZRER52C5V1 COMCHIP-CZRER52C5V1 Datasheet
162Kb / 6P
   SMD Zener Diode
More results


同様の説明 - CZRER52C6V2-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results




Comchip Technology について


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com