データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5144ABRUZ100 データシート (PDF) - Analog Devices

AD5144ABRUZ100 Datasheet PDF - Analog Devices
部品番号 AD5144ABRUZ100
ダウンロード  AD5144ABRUZ100 ダウンロード

ファイルサイズ   784.62 Kbytes
ページ   36 Pages
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices
部品情報 The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.

AD5144ABRUZ100 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AD5144ABRUZ100 Datasheet PDF - Analog Devices

部品番号 AD5144ABRUZ100
ダウンロード  AD5144ABRUZ100 Click to download

ファイルサイズ   784.62 Kbytes
ページ   36 Pages
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices
部品情報 The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.

AD5144ABRUZ100 データシート (HTML) - Analog Devices

Back Button AD5144ABRUZ100 Datasheet HTML 1Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 2Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 3Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 4Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 5Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 6Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 7Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 8Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 9Page - Analog Devices AD5144ABRUZ100 Datasheet HTML 10Page - Analog Devices Next Button 

AD5144ABRUZ100 製品詳細

GENERAL DESCRIPTION
The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of ±8% and up to ±6 mA current density in the Ax, Bx, and Wx pins.
The low resistor tolerance and low nominal temperature coefficient simplify open-loop applications as well as applications requiring tolerance matching.
The linear gain setting mode allows independent programming of the resistance between the digital potentiometer terminals, through the RAW and RWB string resistors, allowing very accurate resistor matching.
The high bandwidth and low total harmonic distortion (THD) ensure optimal performance for ac signals, making these devices suitable for filter design.

FEATURES
    10 kΩ and 100 kΩ resistance options
    Resistor tolerance: 8% maximum
    Wiper current: ±6 mA
    Low temperature coefficient: 35 ppm/°C
    Wide bandwidth: 3 MHz
    Fast start-up time < 75 µs
    Linear gain setting mode
    Single- and dual-supply operation
    Independent logic supply: 1.8 V to 5.5 V
    Wide operating temperature: −40°C to +125°C
    4 mm × 4 mm package option

APPLICATIONS
    Portable electronics level adjustment
    LCD panel brightness and contrast controls
    Programmable filters, delays, and time constants
    Programmable power supplies




同様の部品番号 - AD5144ABRUZ100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5144ABRUZ100 AD-AD5144ABRUZ100 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5144ABRUZ100-RL7 AD-AD5144ABRUZ100-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results


同様の説明 - AD5144ABRUZ100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5122 AD-AD5122 Datasheet
649Kb / 32P
   The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results




Analog Devices について


Analog Devices、Inc。(ADI)は、高性能アナログ、混合シグナル、およびデジタル信号処理(DSP)統合回路(ICS)を設計、開発、製造する公開企業です。
同社は1965年に設立され、マサチューセッツ州ノーウッドに本社を置いています。
ADIは、航空宇宙と防衛、自動車、通信、消費者、産業、医療、テストと測定など、幅広い産業にサービスを提供しています。
同社の製品ポートフォリオには、データコンバーター、アンプとコンパレータ、電源管理ICS、マイクロコントローラー、センサー、無線周波数(RF)およびマイクロ波コンポーネントなどが含まれます。
ADIはイノベーションと顧客満足度に専念しており、ニーズを満たすために高品質で信頼できるソリューションを顧客に提供することに取り組んでいます。
エネルギー効率と持続可能性に焦点を当てたADIは、アナログおよび混合シグナルIC業界のリーダーであり、技術の進歩を推進し、世界で最も挑戦的な問題に革新的なソリューションを提供しています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com