データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

10025026-10003TLF データシート (PDF) - FCI connector

10025026-10003TLF Datasheet PDF - FCI connector
部品番号 10025026-10003TLF
ダウンロード  10025026-10003TLF ダウンロード
ファイルサイズ   603.85 Kbytes
ページ   7 Pages
メーカー  FCI-CONNECTOR [FCI connector]
ホームページ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
部品情報 PCI EXPRESS STRADDLE MOUNT CARD EDGE ASSY

10025026-10003TLF Datasheet (PDF)

Go To PDF Page ダウンロード データシート
10025026-10003TLF Datasheet PDF - FCI connector

部品番号 10025026-10003TLF
ダウンロード  10025026-10003TLF Click to download

ファイルサイズ   603.85 Kbytes
ページ   7 Pages
メーカー  FCI-CONNECTOR [FCI connector]
ホームページ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
部品情報 PCI EXPRESS STRADDLE MOUNT CARD EDGE ASSY

10025026-10003TLF データシート (HTML) - FCI connector




同様の部品番号 - 10025026-10003TLF

メーカー部品番号データシート部品情報
logo
Festo Corporation.
1002502 FESTO-1002502 Datasheet
91Kb / 2P
Angle seat valve
7/4/22
More results


同様の説明 - 10025026-10003TLF

メーカー部品番号データシート部品情報
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
logo
SUYIN USA, INC.
100040FS064S401NA SUYIN-USA-100040FS064S401NA Datasheet
107Kb / 1P
PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
logo
FCI connector
10061913-101CLF FCI-CONNECTOR-10061913-101CLF Datasheet
632Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913 FCI-CONNECTOR-10061913 Datasheet
632Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10018783-10202TLF FCI-CONNECTOR-10018783-10202TLF Datasheet
444Kb / 7P
PCI EXPRESS CARD EDGE ASSY
10034908-002LF FCI-CONNECTOR-10034908-002LF Datasheet
198Kb / 2P
STRADDLE MOUNT TYPE POWER EDGE CARD
10061913-102CLF FCI-CONNECTOR-10061913-102CLF Datasheet
638Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
logo
Pulse A Technitrol Comp...
E9001 PULSE-E9001 Datasheet
192Kb / 3P
PCI EXPRESS 1.0MM CARD EDGE ASSY
logo
Kycon, Inc.
KPCIEX KYCON-KPCIEX Datasheet
939Kb / 1P
Straddle Mount PCI Express Card Edge
More results




FCI connector について


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com