データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C263-55JC データシート (PDF) - Cypress Semiconductor

CY7C263-55JC Datasheet PDF - Cypress Semiconductor
部品番号 CY7C263-55JC
ダウンロード  CY7C263-55JC ダウンロード

ファイルサイズ   481.49 Kbytes
ページ   16 Pages
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
部品情報 8K x 8 Power-Switched and Reprogrammable PROM

CY7C263-55JC Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CY7C263-55JC Datasheet PDF - Cypress Semiconductor

部品番号 CY7C263-55JC
ダウンロード  CY7C263-55JC Click to download

ファイルサイズ   481.49 Kbytes
ページ   16 Pages
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
部品情報 8K x 8 Power-Switched and Reprogrammable PROM

CY7C263-55JC データシート (HTML) - Cypress Semiconductor

Back Button CY7C263-55JC Datasheet HTML 1Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 2Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 3Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 4Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 5Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 6Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 7Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 8Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 9Page - Cypress Semiconductor CY7C263-55JC Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C263-55JC 製品詳細

Functional Description

The CY7C261, CY7C263, and CY7C264 are high-performance 8192-word by 8-bit CMOS PROMs. When deselected, the 7C261 automatically powers down into a low-power stand by mode. It is packaged in a 300-mil-wide package. The 7C263 and 7C264 are packaged in 300-mil-wide and 600-mil-wide packages respectively, and do not power down when deselected. The reprogrammable packages are equipped with an erasure window; when exposed to UV light, these PROMs are erased and can then be reprogrammed. The memory cells utilize proven EPROM floating-gate technology and byte-wide in telligent programming algorithms.

The CY7C261, CY7C263, and CY7C264 are plug-in replacements for bipolar devices and offer the advantages of lower power, superior performance and programming yield. The EPROM cell requires only 12.5V for the supervoltage and low current requirements allow for gang programming. The EPROM cells allow for each memory location to be tested 100%, as each location is written into, erased, and repeatedly exercised prior to encapsulation. Each PROM is also tested for AC performance to guarantee that after customer programming the product will meet DC and AC specification limits.



Features

• CMOS for optimum speed/power

• Windowed for reprogrammability

• High speed

   — 20 ns (commercial)

   — 25 ns (military)

• Low power

   — 660 mW (commercial)

   — 770 mW (military)

• Super low standby power (7C261)

   — Less than 220 mW when deselected

   — Fast access: 20 ns

• EPROM technology 100% programmable

• Slim 300-mil or standard 600-mil packaging available

• 5V ± 10% VCC, commercial and military

• Capable of withstanding greater than 2001V static discharge

• TTL-compatible I/O

• Direct replacement for bipolar PROMs



 




同様の部品番号 - CY7C263-55JC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C263-55JI CYPRESS-CY7C263-55JI Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C263-55JI CYPRESS-CY7C263-55JI Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results


同様の説明 - CY7C263-55JC

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results




Cypress Semiconductor について


Cypress Semiconductorは、高性能デジタルおよびアナログ統合回路(ICS)の設計と製造を専門とするアメリカの企業です。
同社は1982年に設立され、米国カリフォルニア州サンノゼに本社を置いています。
Cypressは、マイクロコントローラー、メモリ製品、ワイヤレス接続ソリューション、その他のデジタルおよびアナログICを含む幅広い製品を提供しています。
同社の製品は、家電、自動車システム、産業システムなどのさまざまなアプリケーションで使用されています。
サイプレスは、埋め込まれたシステムの分野におけるシグナルとプログラム可能なシステムオンチップ(PSOC)テクノロジー、高品質の製品、イノベーションの専門知識で知られています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com