データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1.5KE220CA データシート (PDF) - Formosa MS

1.5KE220CA Datasheet PDF - Formosa MS
部品番号 1.5KE220CA
ダウンロード  1.5KE220CA ダウンロード

ファイルサイズ   145.62 Kbytes
ページ   6 Pages
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS
部品情報 1500W Axial Lead Transient Voltage uppressors - 6.8V-440V

1.5KE220CA Datasheet (PDF)

Go To PDF Page ダウンロード データシート
1.5KE220CA Datasheet PDF - Formosa MS

部品番号 1.5KE220CA
ダウンロード  1.5KE220CA Click to download

ファイルサイズ   145.62 Kbytes
ページ   6 Pages
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS
部品情報 1500W Axial Lead Transient Voltage uppressors - 6.8V-440V

1.5KE220CA データシート (HTML) - Formosa MS

1.5KE220CA Datasheet HTML 1Page - Formosa MS 1.5KE220CA Datasheet HTML 2Page - Formosa MS 1.5KE220CA Datasheet HTML 3Page - Formosa MS 1.5KE220CA Datasheet HTML 4Page - Formosa MS 1.5KE220CA Datasheet HTML 5Page - Formosa MS 1.5KE220CA Datasheet HTML 6Page - Formosa MS

1.5KE220CA 製品詳細

Features
• Axial lead type devices for through hole design.
• 1500W peak pulse power capability with a 10/1000us
   waveform, repetition rate (duty cycle): 0.05%.
• Excellent clamping capability.
• Low incremental surge resistance.
• Fast response time from 0V to VBR, typically less than
   1pS for uni-directional & 5 nS for bi-directional types.
• Ultra high-speed switching.
• Glass passivated chip junction.
• Lead-free parts meet environmental standards of MIL-STD-19500 /228
• Suffix "-H" indicates Halogen free parts, ex. 1.5ΚΕ6.8Α-H




同様の部品番号 - 1.5KE220CA

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
1.5KE220CA LUGUANG-1.5KE220CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
ON Semiconductor
1.5KE220CA ONSEMI-1.5KE220CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
HY ELECTRONIC CORP.
1.5KE220CA HY-1.5KE220CA Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Pan Jit International I...
1.5KE220CA PANJIT-1.5KE220CA Datasheet
82Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
1.5KE220CA DIOTECH-1.5KE220CA Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


同様の説明 - 1.5KE220CA

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
1.5SMC6.8A UMW-1.5SMC6.8A Datasheet
655Kb / 4P
   6.8V-540V 1500W
logo
UN Semiconducctor INC
5KP UNSEMI-5KP Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results




Formosa MS について


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com