データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1162WI-45-GT3 データシート (PDF) - ON Semiconductor

CAT1162WI-45-GT3 Datasheet PDF - ON Semiconductor
部品番号 CAT1162WI-45-GT3
ダウンロード  CAT1162WI-45-GT3 ダウンロード

ファイルサイズ   163.05 Kbytes
ページ   13 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)

CAT1162WI-45-GT3 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CAT1162WI-45-GT3 Datasheet PDF - ON Semiconductor

部品番号 CAT1162WI-45-GT3
ダウンロード  CAT1162WI-45-GT3 Click to download

ファイルサイズ   163.05 Kbytes
ページ   13 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)

CAT1162WI-45-GT3 データシート (HTML) - ON Semiconductor

Back Button CAT1162WI-45-GT3 Datasheet HTML 1Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 2Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 3Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 4Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 9Page - ON Semiconductor CAT1162WI-45-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button 

CAT1162WI-45-GT3 製品詳細

Description
The CAT1161/2 is a complete memory and supervisory solution for
microcontroller−based systems. A serial EEPROM memory (16K)
with hardware memory write protection, a system power supervisor
with brown out protection and a watchdog timer are integrated
together in low power CMOS technology. Memory interface is via an
I2C bus.
The 1.6−second watchdog circuit returns a system to a known good
state if a software or hardware glitch halts or “hangs” the system. The
CAT1161 watchdog monitors the SDA line, making an additional PC
board trace unnecessary. The lower cost CAT1162 does not have a
watchdog timer.
The power supply monitor and reset circuit protects memory and
system controllers during power up/down and against brownout
conditions. Five reset threshold voltages support 5 V, 3.3 V and 3 V
systems. If power supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller, ASIC or
peripherals from operating. Reset signals become inactive typically
200 ms after the supply voltage exceeds the reset threshold level. With
both active high and low reset signals, interface to microcontrollers
and other ICs is simple. In addition, a reset pin can be used as a
debounced input for pushbutton manual reset capability.
The CAT1161/2 memory features a 16−byte page. In addition,
hardware data protection is provided by a write protect pin WP and by
a VCCsense circuit that prevents writes to memory whenever VCCfalls
below the reset threshold or until VCC reaches the reset threshold
during power up.
Available packages include an 8−pin DIP and a surface mount,
8−pin SO package.

Features
• Watchdog Monitors SDA Signal (CAT1161)
• 400 kHz I2C Bus Compatible
• 2.7 V to 6 V Operation
• Low Power CMOS Technology
• 16−Byte Page Write Buffer
• Built−in Inadvertent Write Protection
♦ VCC Lock Out
♦ Write Protection Pin, WP
• Active High or Low Reset
♦ Precision Power Supply Voltage Monitor
♦ 5 V, 3.3 V and 3 V Systems
♦ Five Threshold Voltage Options
• 1,000,000 Program/Erase Cycles
• Manual Reset
• 100 Year Data Retention
• 8−Pin DIP or 8−Pin SOIC
• Commercial and Industrial Temperature Ranges
• These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant




同様の部品番号 - CAT1162WI-45-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1162WI-45-GT3 CATALYST-CAT1162WI-45-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1162WI-45-GT3 CATALYST-CAT1162WI-45-GT3 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1162WI-45-GT3 ONSEMI-CAT1162WI-45-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1162WI-45-GT3 ONSEMI-CAT1162WI-45-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1162WI-45-GT3 ONSEMI-CAT1162WI-45-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


同様の説明 - CAT1162WI-45-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results




ON Semiconductor について


「ON Semiconductorは、自動車、コンピューティング、消費財、産業、通信市場など、さまざまなアプリケーション向けに幅広い半導体製品を設計、開発、製造する公開企業です。
同社は1999年に設立され、アリゾナ州フェニックスに本社を置いています。
Semiconductorは、電源MOSFET、ダイオード、整流器、電圧レギュレーターなど、電力管理、アナログ、離散半導体の幅広いポートフォリオを提供します。
同社の製品は、エネルギー効率が高く、信頼性が高く、費用対効果が高いように設計されており、ポータブルエレクトロニクス、産業自動化システム、再生可能エネルギーシステム、自動車用エレクトロニクスなど、さまざまなアプリケーションで使用されています。
Semiconductorは、イノベーションと顧客満足度に取り組んでおり、お客様のニーズを満たすために最高の半導体ソリューションを提供することに取り組んでいます。」

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com